Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522PRGETG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB522PRGETG4
Description  TUSB522P 3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB522PRGETG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB522PRGETG4 Datasheet HTML 4Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 5Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 6Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 7Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 8Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 9Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 10Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 11Page - Texas Instruments TUSB522PRGETG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
6.7 Electrical Characteristics, AC (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL(RX-DIFF)
Differential Return Loss
50 MHz – 1.25 GHz at 90 Ω
12
dB
1.25 – 2.5 GHz at 90 Ω
8
dB
RL(RX-CM)
Common Mode Return Loss
50 MHz – 1.25 GHz at 90 Ω
13
dB
1.25 –2.5 GHz
11
dB
AC Characteristic
Xtalk
Differential Cross Talk between TX and
RX signal Pairs
At 2.5 GHz
–40
dB
V(CM-TX-AC)
AC Common-mode voltage swing in
active mode
Within U0 and within LFPS
100
mVpp
V(TX-IDLE-DIFF -AC-PP)
Differential voltage swing during
electrical idle
Tested with a high-pass filter
0
10
V
RL(TX-DIFF)
Differential Return Loss
f = 50 MHz - 1.25 GHz
12
dB
1.25 –2.5 GHz
8
dB
RL(TX-CM)
Common Mode Return Loss
f = 50 MHz - 1.25 GHz
16
dB
1.25 –2.5 GHz
13
dB
tJ
Total Jitter
Minimum input and output trace at 2.5
GHz, VCC = 3.3 V
15
ps
V(TX-CM-ΔU1-U0)
Absolute delta of DC CM voltage
during active and idle states
100
mV
V(TX-IDLE-DIFF-DC)
DC Electrical idle differential output
voltage
Voltage must be low pass filtered to
remove any AC component
0
12
mV
TUSB522P
SLLSEV9E – JULY 2016 – REVISED NOVEMBER 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TUSB522P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com