Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS Datasheet(PDF) 2 Page - XP Power Limited

Part # VCS
Description  50-100 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS Datasheet(HTML) 2 Page - XP Power Limited

  VCS Datasheet HTML 1Page - XP Power Limited VCS Datasheet HTML 2Page - XP Power Limited VCS Datasheet HTML 3Page - XP Power Limited VCS Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCS50
Model and Ratings
Mechanical Details
Output Power
Output Voltage
Output Current
Ripple & Noise(2)
Efficiency(1)
Model Number
40 W
5.0 V
8.00 A
50 mV
79%
VCS50US05
50 W
12.0 V
4.20 A
120 mV
85%
VCS50US12
15.0 V
3.30 A
150 mV
86%
VCS50US15
24.0 V
2.10 A
240 mV
88%
VCS50US24
48.0 V
1.05 A
480 mV
88%
VCS50US48
4.35 (110.5)
M3 4 locations
0.75
(19.0)
0.59
(15.0)
1.14
(29.0)
1.69 (43.0)
1.18 (30.0)
3.07
(78.0)
3.82 (97.0)
M3 3 locations
0.14
(3.5)
0.98 (25.0)
0.157 (4.0)
0.43 (11.0)
0.70 (17.7)
1.38
(35.0)
0.47 (12.0)
0.41 (10.5)
5
5
4
4
3
3
2
2
1
1
Pin
Function
1
AC Live
2
AC Neutral
3
Ground
4
-Vout
5
+Vout
1. All dimensions in inches (mm)
2. Weight: 0.55 lbs (250 g) approx
3. Tolerance ±0.02 (±0.5)
4. Maximum mounting screw penetration 0.157 (4.0) from
outer surface
Notes
Derating Curves
Ambient Temperature (°C)
80
60
40
20
0
10
-10
-25
20
30
40
50
60
70
100
Input Voltage (VAC)
80
60
40
20
90
100
110
120
230
240 250
85
264
100
Notes
1. Minimum average of efficiencies measured at 25%, 50%, 75% & 100% load.
2. Ripple & Noise may exceed specified values below -10 °C.
3. Level 3 performance criteria A is met for loads >2%. At no load, result is
performance criteria A Level 2 or less than 4% output deviation at Level 3.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com