Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCS100US48 Datasheet(PDF) 1 Page - XP Power Limited

Part # VCS100US48
Description  50-100 Watts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VCS100US48 Datasheet(HTML) 1 Page - XP Power Limited

  VCS100US48 Datasheet HTML 1Page - XP Power Limited VCS100US48 Datasheet HTML 2Page - XP Power Limited VCS100US48 Datasheet HTML 3Page - XP Power Limited VCS100US48 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
50 100 Watts
•
Chassis Mount Industrial Supplies
•
25 °C to +70 °C Convection Cooled
•
Class B Conducted & Radiated Emissions
•
Output Voltages from 5 V to 48 V
•
<0.5 W No Load Input Power
•
Low Cost
•
2 Year Warranty
VCS Series
Input
Input Voltage
• 85-264 VAC (127-370 VDC),
see derating curve
Input Frequency
• 47-63 Hz
Input Current
• VCS50: 1.1 A, VCS70: 1.4 A,
VCS100: 2.0 A typical at 90 VAC
Inrush Current
• 60 A max at 230 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2 Class A
Earth Leakage Current
• 1.0 mA maximum
Input Protection
• 50 & 70 W: T3.15 A/250 V
100 W: T4.0A/250 V, fuse fitted in live line
No Load Input Power
• <0.5 W
Output
Output Voltage
• See model table
Output Adjust
• ±10.0%
(5 V & 12 V versions are -5% to +10%)
Initial Set Tolerance
• ±1.0%
Minimum Load
• None required
Start Up Delay
•1 s maximum
Hold Up Time
• 10 ms min at 115 VAC and full load
Line Regulation
• ±0.5%, 90 VAC to 264 VAC input
Load Regulation
• 5 V & 12 V versions: ±1%, Others: ±0.5%
0% to 100% load
Transient Response
• Less than 4% deviation with a 50% to
75% load change at 1 A/µs. Output
returns to within 1% in less than 500 µs
Ripple & Noise
• 1% maximum pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 120-140% of nominal output,
auto recovery
Overload Protection
• 110-150% of nominal, trip and restart
Short Circuit Protection
• Continuous trip and restart
Temperature
• ±0.03%/°C after 20 min warm up
Coefficient
xppower.com
General
Efficiency
• See tables
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 65 kHz typical
MTBF
• >500 kHrs to MIL-STD-217F at 25 °C, GB
Environmental
Operating Temperature
• -25 °C to +70 °C, see derating curve
Cooling
• Convection cooled
Operating Humidity
• 0-95% R.H, non-condensing
Storage Temperature
• -40 °C to +80 °C
Operating Altitude
• 3000 m
Shock
• ±3 x 30 g shocks in each plane,
30 g: 11 ms (±0.5 ms), half sine, compliant
to EN60068-2-27 & EN60068-2-47
Vibration
• 10-500 Hz at 2 g sweep and endurance at
resonance in all 3 planes. Conforms to
EN60068-2-6
EMC & Safety
Emissions
• EN55022 Class B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
(note 3)
Surge
• EN61000-4-5, installation Class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
•
EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• IEC60950-1, CSA C22.2 No.60950-1-03,
UL60950-1, TUV EN60950-1


Similar Part No. - VCS100US48

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
VCS100US48 XPPOWER-VCS100US48 Datasheet
580Kb / 4P
Chassis Mount Industrial Supplies, 25 째C to 70 째C Convection Cooled
VCS100US48 XPPOWER-VCS100US48 Datasheet
792Kb / 4P
50-100 Watts VCS Series
More results

Similar Description - VCS100US48

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AK45C-20 ASTEC-AK45C-20 Datasheet
91Kb / 2P
100 Watts
AK60A ASTEC-AK60A Datasheet
944Kb / 2P
50 Watts
LPT50 ASTEC-LPT50 Datasheet
143Kb / 3P
50 Watts
LPT50-M ASTEC-LPT50-M Datasheet
143Kb / 3P
50 Watts
logo
Anaren Microwave
C100N50Z4 ANAREN-C100N50Z4 Datasheet
313Kb / 2P
Surface Mount Termination 100 Watts, 50廓
I100N50X4 ANAREN-I100N50X4 Datasheet
165Kb / 2P
Flange Mount Termination 100 Watts, 50廓
K100N50X4 ANAREN-K100N50X4 Datasheet
89Kb / 2P
Half Flange Termination 100 Watts, 50廓
logo
Powerbox
MI-200 POWERBOX-MI-200 Datasheet
724Kb / 1P
50-100 WATTS MILITARY COTS DC/DC CONVERTER
logo
Anaren Microwave
C100N50Z4A ANAREN-C100N50Z4A Datasheet
182Kb / 3P
Surface Mount Termination 100 Watts, 50廓
logo
XP Power Limited
VCS50 XPPOWER-VCS50 Datasheet
792Kb / 4P
50-100 Watts VCS Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com