Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUTOMATION1-IXC6E Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AUTOMATION1-IXC6E
Description  PWM Servo Drive with Motion Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AUTOMATION1-IXC6E Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AUTOMATION1-IXC6E Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC6E Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC6E Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC6E Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC6E Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AUTOMATION1-IXC6E Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
aerotech.com
AUTOMATION1 iXC6e GENERAL SPECIFICATIONS
Category
Specification
Motion Controller(1)
Aerotech’s Automation1-iSMC Intelligent Software-Based Motion Controller
(version 2.1 and above)
Motor Style
Brush, brushless, voice coil, stepper(2)
Control Supply
100-240 VAC; 50/60 Hz
Motor Supply
240 VAC (three-phase),
50/60 Hz
480 VAC (three-phase), 50/60 Hz
Bus Voltage(3)
0-340 VDC
340-680 VDC
PWM Frequency
20 kHz(3)
Peak Output Current (1 sec)(5)(6)
50 Apk
100 Apk
10 Apk
20 Apk
30 Apk
50 Apk
100 Apk
Continuous Output Current(5)(6)
25 Apk
50 Apk
5 Apk
10 Apk
15 Apk
25 Apk
30 Ap k@ 20 KHz
50 Ap k@ 10 KHz
Position Synchronized Output (PSO) Standard:
One-axis PSO (includes One-axis part-speed PSO)
Optional:
Two-axis PSO (includes two-axis part-speed PSO)
Three-axis PSO (includes three-axis part-speed PSO)
Two-axis part-speed PSO only
Three-axis part-speed PSO only
25-Pin Motor Feedback Connector
High-speed differential inputs (encoder sin, cos and marker)
CW and CCW limits
Hall effect sensor inputs (A, B and C)
Analog motor temperature input (accepts digital)
Brake output
26-Pin Auxiliary Feedback Connector High-speed differential inputs (encoder sin, cos and marker)*
4x optically isolated digital inputs
4x optically isolated digital outputs
1x 16-bit differential ±10 V analog input
1x 16-bit single-ended ±10 V analog output
2x optically isolated high-speed inputs
*This channel is bidirectional and can be used to echo out encoder signals.
Multiplier Options
MX0 option:
Primary encoder: 40 million counts per second square-wave input
Auxiliary encoder: 40 million counts per second square-wave input
MX2 option:
Primary encoder: 2 MHz/450 kHz (bandwidth selectable) sine-wave input, encoder multiplier
up to 65,536
Auxiliary encoder: 40 million counts per second square-wave input
MX3 option:
Primary encoder: 2 MHz/450 kHz (bandwidth selectable) sine-wave input, encoder multiplier
up to 65,536
Auxiliary encoder: 450 kHz sine-wave input, encoder multiplier up to x16,384*
*Encoders multiplied with this input cannot be echoed out.
I/O Expansion Board (-EB1)
1x additional PSO connection point
16x digital inputs, optically isolated
16x digital outputs, optically isolated
3x analog inputs, 16-bit, differential, ±10 V
3x analog outputs, 16-bit, single-ended, ±10 V
Drive Array Memory
67.1 MB (16,777,216 32-bit elements)
High Speed Data Capture
Yes (50 ns latency)
chart continued on next page



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com