Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB1007-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1007-QT
Description  4.0-11.0 GHz GaAs MMIC Buffer Amplifier, QFN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1007-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XB1007-QT Datasheet HTML 1Page - Mimix Broadband XB1007-QT Datasheet HTML 2Page - Mimix Broadband XB1007-QT Datasheet HTML 3Page - Mimix Broadband XB1007-QT Datasheet HTML 4Page - Mimix Broadband XB1007-QT Datasheet HTML 5Page - Mimix Broadband XB1007-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buffer Amplifier Measurements
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
4.0-11.0 GHz GaAs MMIC
Buffer Amplifier, QFN
B1007-QT
September 2007 - Rev 15-Sep-07
XB1007-QT, Vd = 4V, Id = 100 mA: S11 vs Frequency
-40
-35
-30
-25
-20
-15
-10
-5
0
234
5
67
89
10
11
12
13
14
Frequency (GHz)
XB1007-QT, Vd = 4V, Id = 100 mA: Gain vs Frequency
0
5
10
15
20
25
30
23
45
67
89
10
11
12
13
14
Frequency (GHz)
XB1007-QT, Vd = 4V, Id = 100 mA: S22 vs Frequency
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
234
5
67
89
10
11
12
13
14
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com