Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSV Datasheet(PDF) 2 Page - Holland Electronics

Part # GSV
Description  GHS/GSV series digital CATV splitters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLLAND [Holland Electronics]
Direct Link  https://www.hollandelectronics.com/
Logo HOLLAND - Holland Electronics

GSV Datasheet(HTML) 2 Page - Holland Electronics

  GSV Datasheet HTML 1Page - Holland Electronics GSV Datasheet HTML 2Page - Holland Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
78
2935 Golf Course Drive • Ventura, CA 93003 • (800) 628-4511 • FAX (805) 339-0230 • www.hollandelectronics.com
GHS/GSV SerieS diGital CatV SplitterS
GHS/GSV SerieS diGital CatV SplitterS
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
paraMeter
FreQuencY
range (Mhz)
gsV-2
gsV-3
gsV-4
gsV-6
gsV-8
Insertion Loss (dB)(
Max)
5 - 15
3.3
3.5
3.5 / 6.8
3.6 / 6.9
6.8
6.9
9.1
9.2
10
10.5
16 - 40
3.3
3.5
3.5 / 6.9
3.6 / 7.0
6.9
7.0
9.1
9.2
10.3
10.8
41 - 450
3.6
3.8
3.8 / 7.4
3.9 / 7.5
7.4
7.5
9.9
10
11
11.5
451 - 750
3.9
4.2
4.0 / 8.0
4.1 / 8.1
8
8
10.5
11
11.7
12.2
751 - 1000
4
4.4
4.0 / 8.0
4.2 / 8.2
8.1
8.2
11.3
11.5
12.2
12.5
Isolation (dB)
5 - 15
26
20
35
23
29
24
24
23
30
25
16 - 40
33
25
38
25
29
25
25
24
30
24
41 - 450
35
22
36
22
30
25
23
22
25
22
451 - 750
32
20
30
22
28
24
22
20
23
21
751 - 1000
28
20
25
20
27
24
21
20
22
20
Input Return Loss (dB
)(Min)
5 - 15
24
20
21
19
22
18
19
18
22
18
16 - 40
27
22
23
21
24
20
21
20
25
22
41 - 450
23
20
23
20
25
21
21
20
24
20
451 - 750
24
18
22
20
22
18
20
18
23
19
751 - 1000
24
18
21
18
21
18
19
18
22
18
Output Return Loss (dB)(
Min)
5 - 15
22
20
20
18
21
18
17
16
22
18
16 - 40
28
22
32
20
25
22
21
20
28
22
41 - 450
31
20
26
20
28
25
21
20
24
20
451 - 750
30
20
22
18
23
18
20
18
23
19
751 - 1000
25
20
20
18
21
18
19
18
22
18
NOtE: All specifications typical unless otherwise noted
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
specificAtions
paraMeter
FreQuencY
range (Mhz)
ghs-2
ghs-3
ghs-3b
ghs-4
ghs-8
Insertion Loss (dB)(Max)
5 - 15
3.5
3.6
3.7 / 6.9
3.8 / 7.0
5.6
5.8
7.0
7.1
10.7
11.2
16 - 40
3.6
3.7
3.7 / 6.9
3.8 / 7.0
5.6
5.8
6.8
6.9
10.5
11
41 - 450
3.7
3.8
3.7 / 7.0
3.8 / 7.0
6.2
6.5
7.0
7.1
11
11.5
451 - 750
3.8
3.9
3.9 / 7.5
4.0 / 7.6
6.3
6.5
7.5
7.6
12
12.5
751 - 1000
3.9
4.0
4.0 / 8.0
4.2 / 8.2
6.9
7
8.1
8.2
12
12.5
Isolation (dB)
5 - 15
26
25
30
22
25
20
30
22
24
20
16 - 40
45
40
38
35
38
35
40
32
28
25
41 - 450
31
30
30
25
28
25
30
25
28
25
451 - 750
31
30
28
25
25
23
28
25
23
20
751 - 1000
30
25
25
23
22
20
25
23
22
20
Input Return Loss (dB)(Min)
5 - 15
25
24
25
20
22
20
25
20
24
20
16 - 40
26
25
28
24
25
22
28
24
26
22
41 - 450
26
25
28
23
25
22
28
23
24
20
451 - 750
26
25
28
20
23
20
25
20
23
20
751 - 1000
25
22
24
20
22
20
21
20
22
20
Output Return Loss (dB)(Min)
5 - 15
26
24
25
22
24
20
25
20
24
20
16 - 40
35
30
35
30
32
28
30
28
27
24
41 - 450
26
25
30
23
25
22
28
23
25
21
451 - 750
26
25
25
20
22
20
25
20
24
20
751 - 1000
25
22
24
20
22
20
21
20
23
20
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
TYP.
QC.
PAssiVEs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com