Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABM8 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABM8
Description  ULTRA MINIATURE CERAMIC SMD CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABM8 Datasheet(HTML) 1 Page - Abracon Corporation

  ABM8 Datasheet HTML 1Page - Abracon Corporation ABM8 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABM8
APPLICATIONS:
• High density applications
• Modems, communication and test equipment
• PMCIA, Wireless applications
FEATURES:
• Low in height; suitable for thin equipment, 0.8mm max
• Seam sealed package assures high reliability
• Tight tolerance and stability available
• Suitable for RoHS reflow
• Available for fundamental
and 3rd over tone mode
3.2 x 2.5 x 0.8mm
Pb RoHS
Compliant
ULTRA MINIATURE CERAMIC SMD CRYSTAL
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION: (Left blank if standard)
TABLE 1- Standard ESR
Frequency (MHz)
ESR( )
max
Frequency (MHz)
ESR( )
max
10.000 -11.999 (Fund)
200
30.000 - 39.999 (Fund)
40
12.000 -15.999 (Fund)
120
40.000 - 54.000 (Fund)
35
16.000 -19.999 (Fund)
70
66.000 - 80.000 (3rd OT)
120
20.000 - 29.999 (Fund)
50
98.304 - 125.000 (3rd OT)
80
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
10.000
-----
125.000*
MHz
Contact Abracon for
available F<11MHz
Operation Mode
Fundamental
-----
10MHz - 54MHz
3rd Overtone
(Standard Frequencies: 64, 66, 66.6666, 75,
80, 98.304, 100, 125MHz)
-----
64.000 MHz - 125.000 MHz
Please contact Abracon for
available frequencies
Operating Temperature
-10
-----
+60
ºC
See options
Storage Temperature
-55
-----
+125
ºC
Frequency Tolerance @+25°C
-50
-----
+50
ppm
See options
Frequency Stability over the Operating
Temperature ( ref. to +25°C)
-50
-----
+50
ppm
See options
Equivalent series resistance (R1)
See table 1 below
Shunt capacitance (C0)
-----
-----
7.0
pF
Load capacitance (CL)
-----
18.0
-----
pF
Standard (See options if
other than STD)
Drive Level
-----
10
100
µW
Aging
-3
-----
+3
ppm
@25°C±3°C
First year
Insulation Resistance
500
-----
-----
M
@ 100Vdc ± 15V
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture
Sensitive- MSL = N/A: Not Applicable
ABM8 -
MHz - -
-
-
Height (mm)
Blank: 0.80 max
1: 0.65±0.05
2: 0.60±0.10
Packaging
Blank: Bulk
T: 1kpcs / reel
T2: 250pcs / reel
T3: 3kpcs / reel
Freq. Stability
U: ± 10 ppm(*)
G: ± 15 ppm
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Q: ± 100 ppm
(*) Option E, B, and
-10°C to +60°C only.
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 16.000MHz
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Custom ESR if
other than standard
R
: Specify a value in
(e.g.: R40)
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D: -40°C ~ +85°C
J**: -40°C ~ +105°C
K**: -40°C ~ +125°C
** Frequency stability ±
50ppm and ± 100 ppm
Load Capacitance (pF)
Please specify CL (min
6pF) in pF or S for series
LLC
1501 Hidden Creek Lane Spicewood TX 78751
Phone: 949-546-8000 | Fax: 949-546-8001
For terms and conditions of sales visit:
www.abracon.com
ABRACON IS
ISO9001-2015
CERTIFIED
REVISED:
08/23/2018


Similar Part No. - ABM8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8 Datasheet
200Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
07.10.07
ABM8 ABRACON-ABM8 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
ABM8 ABRACON-ABM8 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
More results

Similar Description - ABM8

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM8 ABRACON-ABM8 Datasheet
200Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
07.10.07
ABM12 ABRACON-ABM12 Datasheet
195Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
05.01.07
logo
Fox Electronics
24000FM FOX-24000FM Datasheet
84Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8 ABRACON-ABM8_07 Datasheet
245Kb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.30.07
logo
Fox Electronics
FM FOX-FM Datasheet
151Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
logo
Abracon Corporation
ABM8-20000MHZ-B2-T ABRACON-ABM8-20000MHZ-B2-T Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
03.07.12
ABM8 ABRACON-ABM8_15 Datasheet
1Mb / 2P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.19.15
ABM8-166 ABRACON-ABM8-166 Datasheet
1Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
08.26.14
ABM10-165-38.400MHZ-T3 ABRACON-ABM10-165-38.400MHZ-T3 Datasheet
1Mb / 2P
Ultra Miniature Ceramic SMD Crystal
ABM13 ABRACON-ABM13 Datasheet
6Mb / 3P
ULTRA MINIATURE CERAMIC SMD CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com