Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSG91663 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG91663
Description  Cat5e FTP Ethernet Patch Cords RJ45 Plug to RJ45 Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG91663 Datasheet(HTML) 1 Page - Pro-Signal

  PSG91663 Datasheet HTML 1Page - Pro-Signal PSG91663 Datasheet HTML 2Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
22/01/20
Cat5e FTP Ethernet Patch Cords
RJ45 Plug to RJ45 Plug
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
Cable
: 26AWG (7/O. 15CU)*4Pair++Mylar+Drain Wire+ Al-Foil+ PVC Jacket
Connector
: Rj45 (8P8C) Male Type, With Shield
Insulation
: Clear Polyester, Ul94V-2;
Contacts
: Brass, Gold Plated 3U
Shield
: Steel, Nickel Plated
PVC Molding:
: PVC
100% Open And Short Test


Similar Part No. - PSG91663

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
PSG91600 PROSIGNAL-PSG91600 Datasheet
311Kb / 1P
DisplayPort Plug to DVI-D Plug
V1.0 28/06/21
logo
List of Unclassifed Man...
PSG91602 ETC-PSG91602 Datasheet
253Kb / 1P
HDML F TO DVI (241) M CABLE
2019.04.09
logo
Pro-Signal
PSG91612 PROSIGNAL-PSG91612 Datasheet
217Kb / 1P
Type A Plug to Micro Type B Plug Lead, USB 3.0
V1.0 11/10/22
PSG91618 PROSIGNAL-PSG91618 Datasheet
83Kb / 1P
USB A Male - Right Angle Mini USB B 5P Male
2019-9-24
PSG91619 PROSIGNAL-PSG91619 Datasheet
83Kb / 1P
USB A Male - Right Angle Mini USB B 5P Male
2019-9-24
More results

Similar Description - PSG91663

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPC-1803 ETC2-NPC-1803 Datasheet
170Kb / 1P
Snagless cat5e patch cords
logo
Assmann Electronics Inc...
A-MCSP-80010-G ASSMANN-A-MCSP-80010-G Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80020-G ASSMANN-A-MCSP-80020-G Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80070 ASSMANN-A-MCSP-80070 Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80030-Y ASSMANN-A-MCSP-80030-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80070-R-R ASSMANN-A-MCSP-80070-R-R Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-801500R-R ASSMANN-A-MCSP-801500R-R Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80030-R-AP-R ASSMANN-A-MCSP-80030-R-AP-R Datasheet
101Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80020-Y ASSMANN-A-MCSP-80020-Y Datasheet
73Kb / 1P
Cat5e FTP Patch cable
A-MCSP-80010-AP-R ASSMANN-A-MCSP-80010-AP-R Datasheet
100Kb / 1P
Cat5e FTP Patch cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com