Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB1008-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1008-QT
Description  10.0-21.0 GHz GaAs MMIC Buffer Amplifier, QFN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1008-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XB1008-QT Datasheet HTML 1Page - Mimix Broadband XB1008-QT Datasheet HTML 2Page - Mimix Broadband XB1008-QT Datasheet HTML 3Page - Mimix Broadband XB1008-QT Datasheet HTML 4Page - Mimix Broadband XB1008-QT Datasheet HTML 5Page - Mimix Broadband XB1008-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buffer Amplifier Measurements
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
B1008-QT
10.0-21.0 GHz GaAs MMIC
Buffer Amplifier, QFN
September 2007 - Rev 12-Sep-07
XB1008-QT, Vd = 4V, Id = 100 mA: Input Return Loss vs Frequency
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
5
7
9
11
131517
1921
2325
Frequency (GHz)
XB1008-QT, Vd = 4V, Id = 100 mA: Small Signal Gain vs Frequency
0
2
4
6
8
10
12
14
16
18
20
5
7
9
1113151719212325
Frequency (GHz)
XB1008-QT, Vd = 4V, Id = 100 mA: Output Return Loss vs Frequency
-25
-20
-15
-10
-5
0
5
7
9
11
131517
1921
2325
Frequency (GHz)
XB1008-QT: OIP3 vs Frequency. 4V, 90 mA, Pin = -15dBm
10
15
20
25
30
35
10
11
12
13
14
15
16
17
18
19
20
21
Frequency (GHz)
XB1008-QT: OIP3 vs Frequency. 4V, 20 - 100mA, Pin = -15dBm
0
5
10
15
20
25
30
35
10
11
12
13
14
15
16
17
18
19
20
21
Frequency (GHz)
Id av(mA)=20
Id av(mA)=30
Id av(mA)=40
Id av(mA)=50
Id av(mA)=60
Id av(mA)=70
Id av(mA)=80
Id av(mA)=90
Id av(mA)=100
XB1008-QT: Output Power. Vd = 4V, Id = 100mA
0
2
4
6
8
10
12
14
16
18
20
22
-14 -12 -10
-8
-6
-4
-2
02468
10
12
14
Pin (dBm)
11 GHz
12 GHz
13 GHz
14 GHz
15 GHz
16 GHz
17 GHz
18 GHz
19 GHz
20 GHz
21 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com