Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SQ-40-R-10B Datasheet(PDF) 1 Page - Multicomp Pro

Part # SQ-40-R-10B
Description  Ultrasonic Transmitter, Sensor & Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SQ-40-R-10B Datasheet(HTML) 1 Page - Multicomp Pro

  SQ-40-R-10B Datasheet HTML 1Page - Multicomp Pro SQ-40-R-10B Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
06/11/12
Ultrasonic
Transmitter, Sensor & Housing
Transmitter
SQ-40-T-10B
Housing
QHP10
Sensor
SQ-40-R-10B
Description
Ultrasonic ceramic transducers transfer acoustical energy to
mechanical energy or vice versa. The Standard Open Type
Transducer is constructed in a manner which incorporates the
fundamental structure of piezoelectric ceramic element of the
monomorph type with a conical metal resonator. This Special
combination provides high sensitivity (Over – G5dB/V/µBar),
wider bandwidth, excellent temperature and humidity durability,
stable electrical and mechanical characteristics, and small size.
Applications:
• Remote control devices
• Liquid & bulk sensors
• Level controls
• Intrusion alarms
• Motion detectors
• Auto doors
• Counting devices
Specification Table:
Item
SQ-40-T-10B
SQ-40-R-10B
Unit
Transmitting Sensitivity
110
-
SV db
Receiving sensitivity
-
-70
MV db
Resonant Freq. Trans.
40 ±1
-
kHz
Resonant Freq. Rec.
-
40 ±1
kHz
Directional Angle
Approx 60°
°
Max Input Volts
10
-
Vrms
Impedence
Approx 700
Approx 30k
-
Capacitance
2,000 ± 20%
pF
Pulse Rise Time
0.7
-
ms
Max Input Volts for Pulse
Operation
Not recommended for Pulse Operation
V
p
.p
Temp. Range
-20 to +60
°C
Trans. Selectivity
20 min
-
Qsv
Rec. Selectivity
-
25 min
Qmv


Similar Part No. - SQ-40-R-10B

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
SQ-67 SYNERGY-SQ-67 Datasheet
109Kb / 2P
90쨘 HYBRID 10% BANDWIDTH 427.5 - 477.5 MHz
logo
SignalQuest, Inc.
SQ-ASA SIGNALQUEST-SQ-ASA Datasheet
754Kb / 8P
ON/OFF SHOCK AND ACCELERATION SENSOR
SQ-ASB SIGNALQUEST-SQ-ASB Datasheet
754Kb / 8P
ON/OFF SHOCK AND ACCELERATION SENSOR
SQ-ASC SIGNALQUEST-SQ-ASC Datasheet
754Kb / 8P
ON/OFF SHOCK AND ACCELERATION SENSOR
SQ-ASD SIGNALQUEST-SQ-ASD Datasheet
754Kb / 8P
ON/OFF SHOCK AND ACCELERATION SENSOR
More results

Similar Description - SQ-40-R-10B

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
UTR3 RFSOLUTIONS-UTR3 Datasheet
766Kb / 2P
Ultrasonic Transmitter / Receiver
logo
List of Unclassifed Man...
DL10-01 ETC2-DL10-01 Datasheet
547Kb / 1P
DL10 Ultrasonic Level Transmitter
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UBE15M-F54-H1-V1 PF-UBE15M-F54-H1-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-F54-H2-V1 PF-UBE15M-F54-H2-V1 Datasheet
692Kb / 4P
Ultrasonic sensor, transmitter
UBE15M-H1 PF-UBE15M-H1 Datasheet
501Kb / 4P
Ultrasonic sensor, transmitter
logo
PUI audio inc.
UT-1640K-TT-2-R PUIAUDIO-UT-1640K-TT-2-R_V01 Datasheet
352Kb / 1P
Ultrasonic Transmitter
1/6/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com