Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XB1012-QT Datasheet(PDF) 2 Page - Mimix Broadband

Part # XB1012-QT
Description  0.25-6 GHz High Dynamic Range Driver Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XB1012-QT Datasheet(HTML) 2 Page - Mimix Broadband

  XB1012-QT Datasheet HTML 1Page - Mimix Broadband XB1012-QT Datasheet HTML 2Page - Mimix Broadband XB1012-QT Datasheet HTML 3Page - Mimix Broadband XB1012-QT Datasheet HTML 4Page - Mimix Broadband XB1012-QT Datasheet HTML 5Page - Mimix Broadband XB1012-QT Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
B1012-QT
December 2007 - Rev 20-Dec-07
Typical Performance (5.8 GHz)
Page 2 of 6
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
0.25-6 GHz
High Dynamic Range Driver Amplifier
EVM vs Pout
0.00
0.50
1.00
1.50
2.00
2.50
3.00
13.00
13.50
14.00
14.50
15.00
15.50
16.00
16.50
17.00
17.50
18.00
Pout (dBm)
5v 128mA
6v 128mA
7v 128mA
8v 128mA
Pin vs. Pout
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
0
2
4
6
8
10
121416
1820
Pin (dBm)
5 Volts
6 Volts
7 Volts
8 Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com