Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD1001-BD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XD1001-BD
Description  18.0-50.0 GHz GaAs MMIC Distributed Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XD1001-BD Datasheet(HTML) 2 Page - Mimix Broadband

  XD1001-BD Datasheet HTML 1Page - Mimix Broadband XD1001-BD Datasheet HTML 2Page - Mimix Broadband XD1001-BD Datasheet HTML 3Page - Mimix Broadband XD1001-BD Datasheet HTML 4Page - Mimix Broadband XD1001-BD Datasheet HTML 5Page - Mimix Broadband XD1001-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Distributed Amplifier Measurements
Page 2 of 6
XD1001-BD Vd=5.0 V Id=150 mA
~140 Devices
12
13
14
15
16
17
18
19
20
21
22
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD Vd=5.0 V Id=150 mA
~140 Devices
-20
-15
-10
-5
0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD Vd=5.0 V Id=150 mA
~140 Devices
-35
-30
-25
-20
-15
-10
-5
0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD Vd=5.0 V Id=150 mA
~35 Devices
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
28.0
29.0
30.0
Frequency (GHz)
Max
Median
Mean
Min
XD1001-BD Vd=5.0 V Id=150 mA
~35 Devices
10
11
12
13
14
15
16
17
18
19
20
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
XD1001-BD Vd=5.0 V Id=150 mA
~140 Devices
-70
-60
-50
-40
-30
-20
-10
0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
44.0
46.0
48.0
50.0
Frequency (GHz)
Max
Median
Mean
-3sigma
18.0-50.0 GHz GaAs MMIC
Distributed Amplifier
June 2007 - Rev 14-Jun-07
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
D1001-BD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com