Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AB.SA.T.0 Datasheet(PDF) 1 Page - IDEAL-TEK SA

Part # 2AB.SA.T.0
Description  PTFE coated tweezers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEAL-TEK [IDEAL-TEK SA]
Direct Link  https://www.ideal-tek.com/
Logo IDEAL-TEK - IDEAL-TEK SA

2AB.SA.T.0 Datasheet(HTML) 1 Page - IDEAL-TEK SA

  2AB.SA.T.0 Datasheet HTML 1Page - IDEAL-TEK SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Datasheet
ideal-tek.com
REV.00 - 20.12.2022
Product code:
2AB.SA.T.0
Product type:
PTFE coated tweezers
Made in:
Switzerland
Description:
Type 2AB high precision tweezers are suitable to delicate applications which require holding a
flat component firmly. The curved geometry provides maximum visibility and increased
ergonomics. The PTFE (a material equivalent to Teflon®) coating provides the tweezers with
chemical resistance properties suitable to acid and basic environments and for the cryogenic
industry. The PTFE coating is used where low friction is required.
Tip description:
curved, fine, round, flat, superior finish
Coating/finishing:
PTFE (T)
Body material:
Anti-Magnetic Anti-Acid Stainless Steel (SA)
Picture:
Tweezer dimensions:
OAL
118.0 mm – 4.646 inch
Width
16.0 mm – 0.630 inch
Height
11.0 mm – 0.433 inch
a
Tip dimensions:
Tip width
1.50 mm – 0.059 inch
Tip thickness 0.11 mm – 0.004 inch
Tip details:


Similar Part No. - 2AB.SA.T.0

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
2AB.SA.DC.0 IDEAL-TEK-2AB.SA.DC.0 Datasheet
525Kb / 1P
High Precision - Diamond Tip Tweezers
2AB.SA.DR IDEAL-TEK-2AB.SA.DR Datasheet
453Kb / 2P
ESD Rubber Grip Tweezers
More results

Similar Description - 2AB.SA.T.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM117 ETC2-SM117 Datasheet
3Mb / 4P
General Purpose Tweezers
44521 ETC-44521 Datasheet
264Kb / 3P
Professional Quality ESD Tweezers ESD SAFE ??STATIC DISSIPATIVE ??HYPO ALLERGENIC COATED ??TEXTURED GRIPPING SURFACE
49783 ETC2-49783 Datasheet
259Kb / 3P
Professional Quality Tweezers
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
logo
IDEAL-TEK SA
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
Diamond coated Tweezers
00CCFR.SA.1 IDEAL-TEK-00CCFR.SA.1 Datasheet
438Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
279CCFR.SA.1 IDEAL-TEK-279CCFR.SA.1 Datasheet
474Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
5CCFR.SA.1 IDEAL-TEK-5CCFR.SA.1 Datasheet
234Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 01.12.2022
5UFCCFR.SA.1 IDEAL-TEK-5UFCCFR.SA.1 Datasheet
437Kb / 1P
Plastic Replaceable Tip Tweezers
REV.00 - 06.03.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com