Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D06060F Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # C3D06060F
Description  SiC Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

C3D06060F Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  C3D06060F Datasheet HTML 1Page - Inchange Semiconductor Company Limited C3D06060F Datasheet HTML 2Page - Inchange Semiconductor Company Limited C3D06060F Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7063
eq C3D06060F
SiC Schottky Diode
www.iscsemi.com
1
DESCRIPTION
· Extremely Fast Switching
· Optimized for PFC Bosst Diode Application
· Fully Isolated Case
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· AC/DC Converters
· Solar Inverters
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
600
V
IF
Continuous Forward Current @TC= 25℃
11.5
A
Continuous Forward Current @TC= 125℃
6
A
Continuous Forward Current @TC= 150℃
4
A
IFSM
Non-Repetitive Peak Forward Surge Current, Half Sine
Wave
TC = 25 °C, tp = 10 ms
44
A
Non-Repetitive Peak Forward Surge Current, Half Sine
Wave
TC = 110 °C, tp = 10 ms
41
A
PTOT
Power Dissipation
,TC=25℃
37
W
TJ, Tstg
Operating and Storage Temperature
-55~175
℃


Similar Part No. - C3D06060F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C3D06060F CREE-C3D06060F Datasheet
783Kb / 6P
Silicon Carbide Schottky Diode
logo
WOLFSPEED, INC.
C3D06060F WOLFSPEED-C3D06060F Datasheet
816Kb / 6P
Silicon Carbide Schottky Diode Z-Rec® Rectifier (Full-Pak)
Rev. F, 02-2019
logo
Cree, Inc
C3D06060F CREE-C3D06060F_16 Datasheet
965Kb / 6P
Silicon Carbide Schottky Diode
More results

Similar Description - C3D06060F

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com