Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1GL Datasheet(PDF) 1 Page - Multicomp Pro

Part # ES1GL
Description  Rectifier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

ES1GL Datasheet(HTML) 1 Page - Multicomp Pro

  ES1GL Datasheet HTML 1Page - Multicomp Pro ES1GL Datasheet HTML 2Page - Multicomp Pro ES1GL Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
07/09/22
Rectifier Diodes
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•  Ideal for Automated Placement
•  Low profile space
•  Glass Passivated Chip Junctions
•  Low reverse leakage current
•  High current capability
•  Low forward voltage drop
Mechanical Data
•  Case: JEDEC SOD-123FL Molded plastic
•  Polarity: Colour band denotes cathode
•  Mounting position: Any
Applications
•   For use in SMPS, high frequency inverters, PWM and polarity protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristics
Symbol ES1DL ES1GL
Unit
Marking
E1DL
E1GL
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
V
Maximum RMS Voltage
VRMS
140
280
Maximum DC Blocking voltage
VDC
200
400
Maximum Average Forward Rectified Current @TA=55°C
I(AV) 
1
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
IFSM
25
Peak Forward Voltage at 1.0A DC (Note1)
VF
0.95
1.25
V
Maximum DC Reverse Current @TJ=25°C
at Rated DC Blocking Voltage @TJ=100°C
IR
5
μA
150
Maximum Reverse recovery time @IF=0.5A,IR=1.0A,Irr=0.25A
trr
35
nS
Typical Thermal Resistance Junction to Ambient
RθJA
150
°C/W
Operating Junction Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
NOTE:  1. Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35 μm thick)  
2. The typical data above is for reference only.


Similar Part No. - ES1GL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1GL TSC-ES1GL Datasheet
307Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1GL TSC-ES1GL Datasheet
461Kb / 2P
1.0 AMP. Surface Mount Super Fast Rectifiers
ES1GL TSC-ES1GL Datasheet
198Kb / 2P
1.0AMP. Surface Mount Super Fast Rectifiers
logo
Rugao Dachang Electroni...
ES1GL DACHANG-ES1GL Datasheet
131Kb / 2P
Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
logo
Taiwan Semiconductor Co...
ES1GL TSC-ES1GL Datasheet
380Kb / 4P
Surface Mount Super Fast Rectifiers
More results

Similar Description - ES1GL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com