Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0809CCV/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # ADC0809CCV/NOPB
Description  ADC0808/ADC0809 8-Bit μP Compatible A/D Converters with 8-Channel Multiplexer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC0809CCV/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADC0809CCV/NOPB Datasheet HTML 14Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 15Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 16Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 17Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 18Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 19Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 20Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 21Page - Texas Instruments ADC0809CCV/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.ti.com
PACKAGE OUTLINE
C
28X
-.021
.013
-0.53
0.33
[
]
28X
-.032
.026
-0.81
0.66
[
]
TYP
-.495
.485
-12.57
12.32
[
]
24X .050
[1.27]
-.438
.382
-11.12
9.71
[
]
(.008)
[0.2]
TYP
-.120
.090
-3.04
2.29
[
]
.180 MAX
[4.57]
.020 MIN
[0.51]
B
NOTE 3
-.456
.450
-11.58
11.43
[
]
A
NOTE 3
-.456
.450
-11.58
11.43
[
]
4215153/B 05/2017
4215153/B 05/2017
PLCC - 4.57 mm max height
FN0028A
PLASTIC CHIP CARRIER
NOTES:
1. All linear dimensions are in inches. Any dimensions in brackets are in millimeters. Any dimensions in parenthesis are for reference only.
Controlling dimensions are in inches. Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Dimension does not include mold protrusion. Maximum allowable mold protrusion .01 in [0.25 mm] per side.
4. Reference JEDEC registration MS-018.
PIN 1 ID
(OPTIONAL)
1
28
4
12
18
19
25
5
11
.004 [0.1] C
.007 [0.18]
C A B
SEATING PLANE
SCALE 1.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com