Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC113LRGPR.B Datasheet(PDF) 22 Page - Texas Instruments

Part # CC113LRGPR.B
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGPR.B Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC113LRGPR.B Datasheet HTML 18Page - Texas Instruments CC113LRGPR.B Datasheet HTML 19Page - Texas Instruments CC113LRGPR.B Datasheet HTML 20Page - Texas Instruments CC113LRGPR.B Datasheet HTML 21Page - Texas Instruments CC113LRGPR.B Datasheet HTML 22Page - Texas Instruments CC113LRGPR.B Datasheet HTML 23Page - Texas Instruments CC113LRGPR.B Datasheet HTML 24Page - Texas Instruments CC113LRGPR.B Datasheet HTML 25Page - Texas Instruments CC113LRGPR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 87 page
background image
HeaderStrobe
HeaderStrobe
HeaderStrobe
HeaderReg
Data
HeaderReg
HeaderReg n
Datan
Data n + 1
DataByte 1
DataByte 0
HeaderRX FIFO
HeaderReg
Data
HeaderStrobe
Data
HeaderReg
Data
Datan + 2
DataByte 2
DataByte n - 1
DataByte n
HeaderReg
Data
HeaderStrobe
HeaderRX FIFO
DataByte 0
DataByte 1
Command strobe(s)
Read or write register(s)
Read or write
consecutive register(s)
Write n + 1 bytes to the
RX FIFO
Combinations
Csn
. . . . . . . . .
. . . . . . . . .
. . . .
. . . . . . . . .
. . . . . . . . .
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
5.5.5
RX FIFO Access
The 64-byte RX FIFO is accessed through the 0x3F address. The RX FIFO is write-only and the R/W bit
should therefore be one.
The burst bit is used to determine if the RX FIFO access is a single byte access or a burst access. The
single byte access method expects a header byte with the burst bit set to zero and one data byte. After
the data byte, a new header byte is expected; hence, CSn can remain low. The burst access method
expects one header byte and then consecutive data bytes until terminating the access by setting CSn
high.
The following header bytes access the RX FIFO:
•
0xBF: Single byte access to RX FIFO
•
0xFF: Burst access to RX FIFO
The RX FIFO may be flushed by issuing a SFRX command strobe. A SFRX command strobe can only be
issued in the IDLE, or RXFIFO_OVERFLOW states. The RX FIFO is flushed when going to the SLEEP
state.
Figure 5-5 gives a brief overview of different register access types possible.
Figure 5-5. Register Access Types
22
Detailed Description
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com