Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD22206WT Datasheet(PDF) 4 Page - Texas Instruments

Part # CSD22206WT
Description  CSD22206W –8-V P-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD22206WT Datasheet(HTML) 4 Page - Texas Instruments

  CSD22206WT Datasheet HTML 1Page - Texas Instruments CSD22206WT Datasheet HTML 2Page - Texas Instruments CSD22206WT Datasheet HTML 3Page - Texas Instruments CSD22206WT Datasheet HTML 4Page - Texas Instruments CSD22206WT Datasheet HTML 5Page - Texas Instruments CSD22206WT Datasheet HTML 6Page - Texas Instruments CSD22206WT Datasheet HTML 7Page - Texas Instruments CSD22206WT Datasheet HTML 8Page - Texas Instruments CSD22206WT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
M0149-01
M0150-01
4
CSD22206W
SLPS689 – MAY 2017
www.ti.com
Product Folder Links: CSD22206W
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typ RθJA = 75°C/W
when mounted on 1 in2
of 2-oz Cu.
Typ RθJA = 230°C/W
when mounted on
minimum pad area of
2-oz Cu.
5.3 Typical MOSFET Characteristics
TA = 25°C (unless otherwise stated)
Figure 1. Transient Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com