Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505 Datasheet(PDF) 68 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 68 Page - Texas Instruments

Back Button DM505 Datasheet HTML 64Page - Texas Instruments DM505 Datasheet HTML 65Page - Texas Instruments DM505 Datasheet HTML 66Page - Texas Instruments DM505 Datasheet HTML 67Page - Texas Instruments DM505 Datasheet HTML 68Page - Texas Instruments DM505 Datasheet HTML 69Page - Texas Instruments DM505 Datasheet HTML 70Page - Texas Instruments DM505 Datasheet HTML 71Page - Texas Instruments DM505 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 295 page
background image
Copyright © 2016–2018, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
68
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Table 4-28. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
14
15
Y11
ddr1_ecc_d
0
0x1400
CTRL_CORE_PAD_
GPMC_CLK
C12
gpmc_clk
rgmii1_txc
clkout0
dma_evt1
gpio1_0
Driver off
0x1404
CTRL_CORE_PAD_
GPMC_BEN0
D12
gpmc_ben0 rgmii1_txctl
ehrpwm1A
dma_evt2
gpio1_1
Driver off
0x1408
CTRL_CORE_PAD_
GPMC_BEN1
E12
gpmc_ben1 rgmii1_txd3
ehrpwm1B
dma_evt3
gpio1_2
Driver off
0x140C
CTRL_CORE_PAD_
GPMC_ADVN_ALE
F12
gpmc_advn_
ale
rgmii1_txd2
ehrpwm1_tri
pzone_input
clkout1
dma_evt4
gpio1_3
Driver off
0x1410
CTRL_CORE_PAD_
GPMC_OEN_REN
A10
gpmc_oen_r
en
rgmii1_txd1
ehrpwm1_sy
nci
clkout2
gpio1_4
Driver off
0x1414
CTRL_CORE_PAD_
GPMC_WEN
B10
gpmc_wen
rgmii1_txd0
ehrpwm1_sy
nco
gpio1_5
Driver off
0x1418
CTRL_CORE_PAD_
GPMC_CS0
C10
gpmc_cs0
rgmii1_rxctl
gpio1_6
Driver off
0x141C
CTRL_CORE_PAD_
GPMC_CS1
E10
gpmc_cs1
qspi1_cs0
gpio1_7
Driver off
0x1420
CTRL_CORE_PAD_
GPMC_CS2
D10
gpmc_cs2
qspi1_d3
gpio1_8
Driver off
0x1424
CTRL_CORE_PAD_
GPMC_CS3
A9
gpmc_cs3
qspi1_d2
gpio1_9
Driver off
0x1428
CTRL_CORE_PAD_
GPMC_CS4
B9
gpmc_cs4
qspi1_d0
gpio1_10
Driver off
0x142C
CTRL_CORE_PAD_
GPMC_CS5
F10
gpmc_cs5
qspi1_d1
gpio1_11
Driver off
0x1430
CTRL_CORE_PAD_
GPMC_CS6
C8
gpmc_cs6
qspi1_sclk
gpio1_12
Driver off
0x1434
CTRL_CORE_PAD_
GPMC_WAIT0
D8
gpmc_wait0 rgmii1_rxd3 qspi1_rtclk
dma_evt4
gpio1_13
Driver off
0x1438
CTRL_CORE_PAD_
GPMC_AD0
E8
gpmc_ad0
rgmii1_rxd2
gpio1_14
sysboot0
0x143C
CTRL_CORE_PAD_
GPMC_AD1
A7
gpmc_ad1
rgmii1_rxd1
gpio1_15
sysboot1
0x1440
CTRL_CORE_PAD_
GPMC_AD2
F8
gpmc_ad2
rgmii1_rxd0
gpio1_16
sysboot2
0x1444
CTRL_CORE_PAD_
GPMC_AD3
B7
gpmc_ad3
qspi1_rtclk
gpio1_17
sysboot3
0x1448
CTRL_CORE_PAD_
GPMC_AD4
A6
gpmc_ad4
cam_strobe
gpio1_18
sysboot4
0x144C
CTRL_CORE_PAD_
GPMC_AD5
F7
gpmc_ad5
uart2_txd
timer6
spi3_d1
gpio1_19
sysboot5
mcasp2_acl
kx
0x1450
CTRL_CORE_PAD_
GPMC_AD6
E7
gpmc_ad6
uart2_rxd
timer5
spi3_d0
gpio1_20
sysboot6
mcasp2_fsx
0x1454
CTRL_CORE_PAD_
GPMC_AD7
C6
gpmc_ad7
cam_shutter
timer4
spi3_sclk
gpio1_21
Driver off
mcasp2_ahc
lkx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com