Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505LRBABF.B Datasheet(PDF) 49 Page - Texas Instruments

Part # DM505LRBABF.B
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button DM505LRBABF.B Datasheet HTML 45Page - Texas Instruments DM505LRBABF.B Datasheet HTML 46Page - Texas Instruments DM505LRBABF.B Datasheet HTML 47Page - Texas Instruments DM505LRBABF.B Datasheet HTML 48Page - Texas Instruments DM505LRBABF.B Datasheet HTML 49Page - Texas Instruments DM505LRBABF.B Datasheet HTML 50Page - Texas Instruments DM505LRBABF.B Datasheet HTML 51Page - Texas Instruments DM505LRBABF.B Datasheet HTML 52Page - Texas Instruments DM505LRBABF.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 295 page
background image
49
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-10. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_a16
GPMC address 16 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
F14
gpmc_a17
GPMC address 17 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
C14
gpmc_a18
GPMC address 18 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
F15
gpmc_a19
GPMC address 19 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
F16
gpmc_a20
GPMC address 20 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
AA14
gpmc_a21
GPMC address 21 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
AB14
gpmc_a22
GPMC address 22 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
U13
gpmc_a23
GPMC address 23 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
V13
gpmc_a24
GPMC address 24 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
Y13
gpmc_a25
GPMC address 25 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
W13
gpmc_a26
GPMC address 26 in A/D nonmultiplexed mode and unused in A/D
multiplexed mode
O
U11
gpmc_a27
GPMC address 27 in A/D nonmultiplexed mode and Address 27 in A/D
multiplexed mode
O
V11
gpmc_cs0
GPMC Chip Select 0 (active low)
O
C10
gpmc_cs1
GPMC Chip Select 1 (active low)
O
E10
gpmc_cs2
GPMC Chip Select 2 (active low)
O
D10
gpmc_cs3
GPMC Chip Select 3 (active low)
O
A9
gpmc_cs4
GPMC Chip Select 4 (active low)
O
B9
gpmc_cs5
GPMC Chip Select 5 (active low)
O
F10
gpmc_cs6
GPMC Chip Select 6 (active low)
O
C8
gpmc_cs7
GPMC Chip Select 7 (active low)
O
W6
gpmc_clk(1)
GPMC Clock output
IO
C12, D14, F14, F15
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
F12
gpmc_oen_ren
GPMC output enable active low or read enable
O
A10
gpmc_wen
GPMC write enable active low
O
B10
gpmc_ben0
GPMC lower-byte enable active low
O
D12
gpmc_ben1
GPMC upper-byte enable active low
O
E12
gpmc_wait0
GPMC external indication of wait 0
I
D8
gpmc_wait1
GPMC external indication of wait 1
I
W7
(1) The gpio6_16.clkout0 signal can be used as an “always-on” alternative to gpmc_clk provided that the external device can support the
associated timing. See Table 5-34, GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - 1 Load and Table 5-36,
GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - 5 Loads for timing information.
4.3.10 Timers
NOTE
For more information, see the Timers section of the Device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com