Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA183A2IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # INA183A2IDBVT
Description  INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA183A2IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  INA183A2IDBVT Datasheet HTML 1Page - Texas Instruments INA183A2IDBVT Datasheet HTML 2Page - Texas Instruments INA183A2IDBVT Datasheet HTML 3Page - Texas Instruments INA183A2IDBVT Datasheet HTML 4Page - Texas Instruments INA183A2IDBVT Datasheet HTML 5Page - Texas Instruments INA183A2IDBVT Datasheet HTML 6Page - Texas Instruments INA183A2IDBVT Datasheet HTML 7Page - Texas Instruments INA183A2IDBVT Datasheet HTML 8Page - Texas Instruments INA183A2IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
7.5 Electrical Characteristics
at TA = 25 °C, VSENSE = VIN+ – VIN–, and VIN+ = 12 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
TA = –40 °C to +125 °C
2.7
26
V
CMRR
Common-mode rejection ratio
VIN+ = 2.7 V to 26 V, VSENSE = 10 mV,
TA = –40 °C to +125 °C
100
120
dB
VOS
Offset voltage, RTI (1)
VCM = 12 V
±25
±170
μV
dVOS/dT RTI vs temperature
TA = –40 °C to +125 °C
0.1
0.5
μV/°C
IIB
Input bias current (IB-)
VSENSE = 0 mV
30
40
μA
OUTPUT
G
Gain
A1 devices
50
V/V
A2 devices
100
V/V
A3 devices
200
V/V
EG
Gain error
VOUT = 0.5 V to VIN+ – 0.5 V,
TA = –40 °C to +125 °C
±0.1%
±0.4%
Gain error vs temperature
TA = –40 °C to +125 °C
3
10 ppm/°C
Nonlinearity error
VOUT = 0.5 V to VIN+ – 0.5 V
±0.01%
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT
VSP
Swing to IN+
RL = 10 kΩ to GND, TA = –40 °C to +125 °C
(VIN+) –
0.05
(VIN+) – 0.2
V
VSN
Swing to GND
RL = 10 kΩ to GND, VIN+ - VIN- = -10 mV,
TA = –40 °C to +125 °C
(VGND) +
0.005
(VGND) +
0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
A1 devices
CLOAD = 10 pF
80
kHz
A2 devices
CLOAD = 10 pF
30
kHz
A3 devices
CLOAD = 10 pF
14
kHz
SR
Slew rate
0.4
V/μs
NOISE, RTI (1)
Voltage noise density
25
nV/√Hz
POWER SUPPLY
IQ
Quiescent current, (IN+)
VSENSE = 0 mV
83
130
μA
IQ over temperature
TA = –40 °C to +125 °C
140
μA
(1)
RTI = referred-to-input.
www.ti.com
INA183
SBOSA08 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com