Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA818 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA818
Description  INA630 Precision, 126dB CMRR, Indirect Current Feedback Instrumentation Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA818 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA818 Datasheet HTML 4Page - Texas Instruments INA818 Datasheet HTML 5Page - Texas Instruments INA818 Datasheet HTML 6Page - Texas Instruments INA818 Datasheet HTML 7Page - Texas Instruments INA818 Datasheet HTML 8Page - Texas Instruments INA818 Datasheet HTML 9Page - Texas Instruments INA818 Datasheet HTML 10Page - Texas Instruments INA818 Datasheet HTML 11Page - Texas Instruments INA818 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15V, RL = 10kΩ, VREF = 0V, and G = 20V/V (unless otherwise noted)
Input Bias Current (nA)
0
10
20
30
40
50
60
70
80
0
3
6
9
12
15
N = 1034
Mean = 2.38nA
Std. Dev. = 0.50nA
G = 20V/V
Figure 6-5. Typical Distribution of Positive Input Bias Current
(INP), TA = 25°C
Input Bias Current (nA)
0
10
20
30
40
50
60
70
80
90
0
3
6
9
12
15
N = 44
Mean = 4.897nA
Std. Dev. = 0.242nA
G = 20V/V
Figure 6-6. Typical Distribution of Negative Input Bias Current
(INN), TA = 25°C
Positive Input Bias Current (nA)
0
10
20
30
40
50
60
70
0
3
6
9
12
15
N = 44
Mean = 5.79nA
Std. Dev. = 0.275nA
TA = 85°C
Figure 6-7. Typical Distribution of Positive Input Bias Current
(INP) , TA = 85°C
Input Offset Current (pA)
0
4
8
12
16
20
-200 -160 -120
-80
-40
0
40
80
120
160
200
N = 44
Mean = 9.08pA
Std. Dev. = 41.68pA
Figure 6-8. Typical Distribution of Input Offset Current, TA =
25°C
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
1
2
3
4
5
6
7
8
Mean
-3
+3
N = 44
G=20
Figure 6-9. Input Bias Current (INP, INN) vs Temperature
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-250
-200
-150
-100
-50
0
50
100
150
200
250
Mean
-3
+3
N = 44
1 Wafer Lot
Figure 6-10. Input Offset Current vs Temperature
INA630
SBOSAI8A – MARCH 2025 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com