Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950801310 Datasheet(PDF) 8 Page - Datalogic S.p.A.

Part # 950801310
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATALOGIC [Datalogic S.p.A.]
Direct Link  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

950801310 Datasheet(HTML) 8 Page - Datalogic S.p.A.

  950801310 Datasheet HTML 1Page - Datalogic S.p.A. 950801310 Datasheet HTML 2Page - Datalogic S.p.A. 950801310 Datasheet HTML 3Page - Datalogic S.p.A. 950801310 Datasheet HTML 4Page - Datalogic S.p.A. 950801310 Datasheet HTML 5Page - Datalogic S.p.A. 950801310 Datasheet HTML 6Page - Datalogic S.p.A. 950801310 Datasheet HTML 7Page - Datalogic S.p.A. 950801310 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CABLES
ST-5072
MODEL
FUNCTION
ORDER No.
ST-S8-FRM
mounting bracket for standard frame
95ACC7860
ST-5072
mounting bracket
95ACC1470
R4K
IP69K plastic reflector 51 x 61 mm
95A151220
ST-S8-TL-LD46
TL-LD46 adapting bracket
95ACC3430
ST-S8-S3Z
S8-miniature sensors adapting bracket
95ACC3440
TYPE
DESCRIPTION
LENGTH
MODEL
ORDER No.
Axial M8 Connector
4-pole, grey, P.V.C.
3 m
CS-B1-02-G-03
95A251420
5 m
CS-B1-02-G-05
95A251430
7 m
CS-B1-02-G-07
95A251440
10 m
CS-B1-02-G-10
95A251480
4-pole, P.U.R.
2 m
CS-B1-02-R-02
95A251620
5 m
CS-B1-02-R-05
95A251640
Radial M8 Connector
4-pole, grey, P.V.C.
3 m
CS-B2-02-G-03
95A251450
5 m
CS-B2-02-G-05
95A251460
7 m
CS-B2-02-G-07
95A251470
10 m
CS-B2-02-G-10
95A251530
4-pole, P.U.R.
2 m
CS-B2-02-R-02
95A251630
5 m
CS-B2-02-R-05
95A251650
www.datalogic.com
Compact Sensors - S8
Rev. 01, 07/2016



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com