Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR1006-QD Datasheet(PDF) 2 Page - Mimix Broadband

Part # XR1006-QD
Description  17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XR1006-QD Datasheet(HTML) 2 Page - Mimix Broadband

  XR1006-QD Datasheet HTML 1Page - Mimix Broadband XR1006-QD Datasheet HTML 2Page - Mimix Broadband XR1006-QD Datasheet HTML 3Page - Mimix Broadband XR1006-QD Datasheet HTML 4Page - Mimix Broadband XR1006-QD Datasheet HTML 5Page - Mimix Broadband XR1006-QD Datasheet HTML 6Page - Mimix Broadband XR1006-QD Datasheet HTML 7Page - Mimix Broadband XR1006-QD Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Receiver Measurements
17.0-25.0 GHz GaAs Receiver
QFN, 7x7 mm
R1006-QD
XR1006-QD, USB Conversion Gain (dB) over Temperature
0
2
4
6
8
10
12
14
16
18
20
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
'@ 85°C
'@ 25°C
'@ -40°C
XR1006-QD, LSB Conversion Gain (dB) over Temperature
0
2
4
6
8
10
12
14
16
18
20
16
17
18
19
20
21
22
RF (GHz) [IF=2GHz]
'@ + 85°C
'@ 25°C
'@-40°C
XR1006-QD, USB Image Rejection (dBc) over Temperature
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
'@ +25°C
'@ -40°C
'@+ 85°C
XR1006-QD, LSB Image Rejection (dBc) over Temperature
-40
-35
-30
-25
-20
-15
-10
-5
0
16
17
18
19
20
21
22
RF (GHz) [IF=2GHz]
'@ +25°C
'@ -40°C
'@ +85°C
XR1006-QD, Input Referred IP3 (dBm) at USB and LSB
Input Power/Tone = 23 dBm, 50MHz Spacing
-15
-13
-11
-9
-7
-5
-3
-1
1
3
5
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
USB
LSB
XR1006-QD, USB Input Referred IP3 (dBm) over Temperature
Input Power/Tone = 23 dBm, 50MHz Spacing
-15
-13
-11
-9
-7
-5
-3
-1
1
3
5
16
17
18
19
20
21
22
23
24
25
26
RF (GHz) [IF=2GHz]
25 Deg C
-40 Deg C
+85 Deg C
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
August 2007 - Rev 30-Aug-07



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com