Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-B2-02-R-02 Datasheet(PDF) 4 Page - Datalogic S.p.A.

Part # CS-B2-02-R-02
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATALOGIC [Datalogic S.p.A.]
Direct Link  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

CS-B2-02-R-02 Datasheet(HTML) 4 Page - Datalogic S.p.A.

  CS-B2-02-R-02 Datasheet HTML 1Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 2Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 3Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 4Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 5Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 6Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 7Page - Datalogic S.p.A. CS-B2-02-R-02 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
READING DIAGRAMS
0
20
40
60
80
100
120
0
10
20
30
40
50
Sensing distance [mm]
0%
20%
40%
60%
80%
100%
120%
0
2
4
6
8
10
12
14
16
18
20
Sensing distance [mm]
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
Sensing distance [mm]
Luminescence sensor
Luminescence sensor
Contrast sensor
mm
R2
R5
R2
mm
SPOT DIAMETER (mm)
DISTANCE (m)
Polarized retroreflective
Coaxial polarized retroreflective
for transparents (S8…T50/T53)
mm
mm
Background suppression (LASER)
Background suppression (LED)
White 90% /
Black 4%
White 90% /
Grey 18%
White 90% /
Black 4%
White 90% /
Grey 18%
mm
Diffuse proximity
White 90%
www.datalogic.com
Compact Sensors - S8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com