Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-B2-02-R-05 Datasheet(PDF) 2 Page - Datalogic S.p.A.

Part # CS-B2-02-R-05
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATALOGIC [Datalogic S.p.A.]
Direct Link  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

CS-B2-02-R-05 Datasheet(HTML) 2 Page - Datalogic S.p.A.

  CS-B2-02-R-05 Datasheet HTML 1Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 2Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 3Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 4Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 5Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 6Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 7Page - Datalogic S.p.A. CS-B2-02-R-05 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
* REMOTE INPUT (mod. S8...W, U, T50, T53), LIGHT / DARK INPUT (mod. S8...M53), DELAY (mod. S8...M Laser), TEST INPUT (mod. S8...G),
ALARM OUTPUT (mod. S8...B, T51), NOT USED (mod. S8...C, M, F)
*
*
S8
Through beam
0…25 m
Polarized retroreflective
0,1…5 m
0…10 m (class 2 LASER)
Retroreflective for transparent (coaxial)
0...0,8 m (T51), 0...2 m (T53, T50)
Diffuse proximity
0…500 mm
Background suppression
50…300 mm
20…200 mm (class 2 LASER)
Background suppression for clear detection
100…300 mm (LED)
50…150 mm (class 2 LASER)
Contrast sensor
10 mm
Luminescence sensor
10…30 mm
Power supply
Vdc
10…30 V
Vac
Vac/dc
Output
PNP
NPN
NPN/PNP
relay
other
Connection
cable
connector
pig-tail
Approximate dimensions (mm)
14x42x25
Housing material
ABS, Stainless Steel AISI 316L
Mechanical protection
IP69K (Stainless Steel vers.), IP67
TECHNICAL DATA
Power supply
12 … 30 Vdc (short-circuit protection)
Ripple
2 Vpp max.
Consumption (output current excluded)
30 mA; 35 mA (mod. S8...M01); 20 mA (mod. S8...F), 15 mA (mod. S8...G) max.
Light emission
red LED 660 nm (mod. S8…B/C/M/G/T)
RGB LEDs: blue 465 nm, green 520 nm, red 630nm with automatic selection (mod. S8…W)
UV LED 375 nm (mod. S8…U)
red Laser 645..665 nm (mod. S8…B/M)
Setting
8-turn distance adjustment trimmer (mod. S8…M53/M)
LIGHT / DARK mono-turn trimmer (mod. S8…B/C/F/T51)
teach-in push button (mod. S8…M53/W03/W13/T53/U)
remote input (mod. S8…W/U/T50/T53)
Operating mode
mono-turn trimmer (mod. S8…B/C/F/M/T/U/W13)
automatic (mod. S8…W/T50)
remote input (mod. S8…M53)
Indicators
yellow OUTPUT LED (excl. mod. S8...G), OUTPUT/ALARM LED (mod. S8…M53/M/C)
green POWER LED
Output
PNP or NPN N.O.
Output current
100 mA (overload protection)
Saturation voltage
2 V max.
Response time
1 ms (mod. S8…M53/M)
500 µs (mod. S8…B/F/C)
250 µs (mod. S8…T)
100 µs (Laser vers. mod. S8…M)
50 µs (mod. S8…W00/W03 e Laser mod. S8…B)
20 µs (mod. S8…W13)
250 µs…1 ms (mod. S8…U)
Switching frequency
500 Hz (mod. S8…M53/M)
1 kHz (mod. S8…B/F/C)
2 kHz (mod. S8…T)
5 kHz (Laser vers. mod. S8…M)
10 kHz (mod. S8…W00/W03 e Laser mod. S8…B)
25 kHz (mod. S8…W13)
500 Hz…2 kHz (mod. S8…U)
Connection
M8 4-pole connector, 150 mm length Ø 4 mm cable with M12 4-pole connector (pig-tail vers.)
Dielectric strength
1500 VAC 1 min between electronic parts and housing
Insulating resistance
>20 MΩ 500 VDC between electronic parts and housing
Mechanical protection
IP67, IP69K (mod. S8-M)
Ambient light rejection
according to EN 60947-5-2
Vibrations
0.5 mm amplitude, 10 … 55 Hz frequency, for every axis (EN60068-2-6)
Shock resistance
11 ms (30 G) 6 shocks per every axis (EN60068-2-27)
Housing material
ABS, Stainless Steel AISI346L
Lens material
window in PMMA; lens in PC
Operating temperature
-10 … 55 °C
Storage temperature
-20 … 70 °C
Weight
12 g max. conn. vers., 50 g pig-tail vers., 70 g max. (mod. S8-M)
REMOTE
N.O. OUTPUT
(WHITE)
(BROWN)
(BLACK)
(BLUE)
REMOTE
N.O. OUTPUT
(WHITE)
(BLUE)
(BROWN)
(BLACK)
+12...30VDC
-0V
-0V
+12...30VDC
M12 PIGTAIL
M8 CONNECTOR
CONNECTIONS
www.datalogic.com
Compact Sensors - S8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com