Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4066 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 4066
Description  QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

4066 Datasheet(HTML) 2 Page - STMicroelectronics

  4066 Datasheet HTML 1Page - STMicroelectronics 4066 Datasheet HTML 2Page - STMicroelectronics 4066 Datasheet HTML 3Page - STMicroelectronics 4066 Datasheet HTML 4Page - STMicroelectronics 4066 Datasheet HTML 5Page - STMicroelectronics 4066 Datasheet HTML 6Page - STMicroelectronics 4066 Datasheet HTML 7Page - STMicroelectronics 4066 Datasheet HTML 8Page - STMicroelectronics 4066 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HCF4066B
2/9
the ON resistance is relatively constant over the
full input signal range. The HCF4066B consists of
four independent bilateral switches. A single
control signal is required per switch. Both the p
and n device in a given switch are biased ON or
OFF simultaneously by the control signal. As
shown in schematic diagram , the well of the
n-channel device on each switch is either tied to
the input when the switch is ON or to VSS when
the switch is OFF. This configuration eliminates
the variation of the switch-transistor threshold
voltage with input signal, and thus keeps the ON
resistance low over the full operating signal range.
The advantages over single channel switches
include peak input signal voltage swings equal to
the full supply voltage, and more constant ON
impedance over the input signal range. For
sample and hold applications, however, the
HCF4016B is recommended.
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
SCHEMATIC DIAGRAM (1 OF 4 IDENTICAL SWITCHES AND ITS ASSOCIATED CONTROL
CIRCUITY)
PIN No
SYMBOL
NAME AND FUNCTION
1, 4, 8, 11
A to D I/O
Independent Inputs/Out-
puts
2, 3, 9, 10
A to D O/I
Independent Outputs/
Inputs
13, 5, 6, 12
CONTROL
AtoD
Enable Inputs
7
VSS
Negative Supply Voltage
14
VDD
Positive Supply Voltage
CONTROL
SWITCH FUNCTION
HON
L
OFF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com