Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANFP1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMANFP1069
Description  902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain, Type N Male, ABS Radome, RHCP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANFP1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMANFP1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANFP1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANFP1069 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1 Page 1 of 3
Copyright © 2020
Fairview
Microwave’s
FMANFP1069
is
a
RHCP
RFID
flat
panel
antenna. The FMANFP1069 with a 9 dBi gain nominal is a Directional
antenna. Our 902 to 928 MHz antenna has N Male connector.
With an impedance of 50 Ohms and max input power of 20 Watts, the
FMANFP1069 flat panel RHCP antenna is well suited for Radio Frequency
Identification tag reading applications. This 902-928 MHz 9 dBi gain RFID
antenna is highly directional providing the reader radio the capabilities of
simultaneously reading a multitude of RFID tags with a high degree of accuracy.
Fairview Microwave’s RFID FMANFP1069 has a radome made of ABS in Off-
White color and comes from a facility certified to ISO 9001:2015. This N Male
connectized Antenna has an overall length of 5.7 in, width of 5.7 in, and weighs
1.65 lbs. Use our on-line ordering system to purchase your FMANFP1069 RFID
Directional RHCP antenna 24 hours a day with same-day shipping and no MOQs
(minimum order quantities).
Configuration
Design
Flat Panel
Gain
9
Polarization
RHCP
Cable Type
RG142
Connector Type
N Male
Connector Type Specification
MIL-STD-348
Lightning Protection
DC Grounded
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
902
928
MHz
Input VSWR
1.3:1
Impedance
50
Ohms
Gain
9
dBi
Front to Back Ratio
17
dB
Horizontal (Azimuth) Beam Width
60
Degrees
Vertical (Elevation) Beam Width
55
Degrees
Input Power
20
Watts
Mechanical Specifications
Radome Material
ABS
Size
Length
5.7 in [144.78 mm]
Width
5.7 in [144.78 mm]
Height
1 in [25.4 mm]
.
Weight
1.65 lbs [748.43 g]
Connector 1
Inner Conductor Material and Plating
Brass, Silver
Body Material and Plating
Brass, Nickel
FMANFP1069
DATA SHEET
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi
Gain, Type N Male, ABS Radome, RHCP
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• High Performance Multi-tag
read/write Capabilities
• Lightweight, Concealable Design
• Right Hand Circular Polarized
• 902 to 928 MHz
Frequency Range
• 2 Meter Cable
• Type N Male Connector
Applications:
• Radio Frequency Identification
• Inventory Management
• Access Control
• Data Collection
• Asset Tracking
• Livestock Management


Similar Part No. - FMANFP1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMANFP1060 FAIRVIEW-FMANFP1060 Datasheet
504Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 9 dBi Gain RP SMA Male, ABS Radome, RHCP
REV 1 A
FMANFP1061 FAIRVIEW-FMANFP1061 Datasheet
471Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 10 dBi Gain RP SMA Male, PVC Radome, RHCP
REV 1 A
FMANFP1062 FAIRVIEW-FMANFP1062 Datasheet
471Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 12 dBi Gain RP SMA Male, PVC Radome, RHCP
REV 1 A
FMANFP1063 FAIRVIEW-FMANFP1063 Datasheet
458Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 9 dBi, White ABS, RP SMA Male, IP54
REV 1 A
FMANFP1064 FAIRVIEW-FMANFP1064 Datasheet
553Kb / 3P
902 to 928 MHz, RFID Flat Panel Antenna, 0 dBi Gain, Type N Male, EVA Radome, RHCP
REV 1 A
More results

Similar Description - FMANFP1069

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
logo
Pasternack Enterprises,...
PE51129 PASTERNACK-PE51129 Datasheet
91Kb / 1P
High Performance Panel Antenna 4400-6400 MHz, 9 dBi
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
List of Unclassifed Man...
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com