Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMANLP1003 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMANLP1003
Description  617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMANLP1003 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMANLP1003 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMANLP1003 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMANLP1003 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
Mechanical Specifications
Radome Material
ABS
Size
Length
17.5 in [444.5 mm]
Width
1.5 in [38.1 mm]
Height
8 in [203.2 mm]
Maunting Mast Diameter
1.57 to 1.97 in [39.88 to 50.04 mm]
.
Weight
3 lbs [1.36 kg]
Environmental Specifications
Temperature
Operating Range
-40 to +70 deg C
.
Wind Loading
150 MPH [241.4 KPH]
Humidity
5 to 95
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log Periodic Antenna, N Female Connector from Fairview Microwave is in-
stock and available to ship same-day. All of our RF/microwave products are available off-the-shelf from our ISO 9001:2008
certified facilities in Lewisville, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 617-960 / 1710-2700 MHz, 10/11 dBi, V-pol, Log
Periodic Antenna, N Female Connector FMANLP1003
URL: https://www.fairviewmicrowave.com/multi-band-antenna-0-dbi-n-female-fmanlp1003-p.aspx
FMANLP1003
DATA SHEET
REV 1.0 Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com