Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4556BF Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4556BF
Description  DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4556BF Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4556BF Datasheet HTML 1Page - STMicroelectronics HCF4556BF Datasheet HTML 2Page - STMicroelectronics HCF4556BF Datasheet HTML 3Page - STMicroelectronics HCF4556BF Datasheet HTML 4Page - STMicroelectronics HCF4556BF Datasheet HTML 5Page - STMicroelectronics HCF4556BF Datasheet HTML 6Page - STMicroelectronics HCF4556BF Datasheet HTML 7Page - STMicroelectronics HCF4556BF Datasheet HTML 8Page - STMicroelectronics HCF4556BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PL H,
t PHL
Propagation Delay Time
(A or B input to any output)
5220
440
ns
10
95
190
15
70
140
Propagation Delay Time
(E input to any output)
5200
400
ns
10
85
170
15
65
130
t TLH,
t THL
Transition Time
5
100
200
ns
10
50
100
15
40
80
Typical Output Low (sink) Current Characteristics.
Typical Output High (source) Current Charac-
teristics.
Minimum Output High (source) Current Charac-
teristics.
Minimum Output Low (sink) Current Charac-
teristics.
HCC/HCF4555B/4556B
5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com