Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT-Z Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP5026GLRT-Z
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT-Z Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP5026GLRT-Z Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 21Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 22Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 23Page - Monolithic Power Systems MP5026GLRT-Z Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
22
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C6
100nF
R6
10k
C10
10nF
C4
10nF
C3
10nF
R13
0
R4
100k
R9
10k
R8
2k
C11
470µF
D2
B330A
R2
100k
C9
1µF
U1
MP5026
EN/UV
6
ENTM
10
FLTB
11
GND1 4
GND2 26
LOADEN
12
OV
5
PG
13
SS
15
TIMER
7
VCC
14
VIN1
1
VIN2
2
VIN3
3
VIN4
16
VIN5
25
VOUT1 17
VOUT2
18
VOUT3 19
VOUT4 20
VOUT5 21
VOUT6 22
VOUT7 23
VOUT8 24
C5
1µF
R5
100k
C1
1µF
C2
10nF
R3
365k
R10
10k
D1
SMDJ12A
R7
12k
C8
4.7µF
C7
10nF
R1
365k
VCC
VIN
PGND
VOUT
PGND
EN/UV
LOADEN
FLTB
PG
IMON
Design Specifications:
1. OCP Limit = 25A
2. OV Limit = 13.3V
3. Soft-Start Time = 8.9ms
Figure 13: Typical Application Circuit (VIN = 12V, OC Limit = 25A)
C6
100nF
R6
10k
C10
10nF
C4
10nF
C3
10nF
R13
0
R4
200k
R9
10k
R8
2k
C11
470µF
D2
B330A
R2
200k
C9
1µF
U1
MP5026
EN/UV
6
ENTM
10
FLTB
11
GND1
4
GND2
26
LOADEN
12
OV
5
PG
13
SS
15
TIMER
7
VCC
14
VIN1
1
VIN2
2
VIN3
3
VIN4
16
VIN5
25
VOUT1 17
VOUT2
18
VOUT3 19
VOUT4 20
VOUT5 21
VOUT6 22
VOUT7 23
VOUT8 24
C5
1µF
R5
36k
C1
1µF
C2
10nF
R3
100k
R10
10k
D1
SMDJ5.0A
R7
12k
C8
4.7µF
C7
10nF
R1
100k
VCC
VIN
PGND
VOUT
PGND
EN/UV
LOADEN
FLTB
PG
IMON
Design Specifications:
1. OCP Limit = 25A
2. OV Limit = 5.6V
3. Soft-Start Time = 8.9ms
Figure 14: Typical Application Circuit (VIN = 3.3V, OC Limit = 25A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com