Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT-P Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5026GLRT-P
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT-P Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5026GLRT-P Datasheet HTML 3Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 4Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 5Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 6Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 7Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 8Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 9Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 10Page - Monolithic Power Systems MP5026GLRT-P Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
7
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RISET = 12kΩ, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Current Monitor Output (IMON)
IMON sense gain
IMON / IFET
IOUT > 3A
19.8
20
20.2
μA/A
IMON sense offset
IOUT > 3A
-0.5
+0.5
μA
Current Limit
ISET voltage
VISET
-3%
0.6
+3%
V
Over-current (OC) internal current-
sense gain
1/10 of IMON gain
2
μA/A
Current limit during normal
operation
IOC_NOR
RISET = 12k
Ω
-6%
25
+6%
A
Current limit at soft start
IOC_SS
IOC_NOR < 20A, VOUT < 90%
of VIN
IOC_NOR
A
IOC_NOR > 20A, VOUT < 90%
of VIN
20
A
OC regulation time at soft start
tOC_REG
1.5
ms
Short-circuit current limit
ISC
50
A
Short-circuit protection (SCP)
response time (6)
tSCP
200
ns
TIMER
Upper threshold
VTIMER_H
1.11
1.21
1.31
V
Insertion delay charge current
IINSRT
3.35
4
4.65
μA
Over-current protection (OCP)
fault timeout charge current
IFLT_TIMER
33.5
40
46.5
μA
Discharge on resistance
RTIMER
10
Ω
Soft Start (SS)
SS pull-up current
ISS
VIN = 12V
11.5
13.5
15.5
μA
Fault Bar (FLTB)
Output low voltage
VOL
10mA sink current
0.3
V
Off-state leakage current
ILK
VFLT = 3.3V
1
μA
Power Good Output (PG)
PG rising threshold
PGVTH_R
VIN = 12V
85%
90%
95%
% of
VIN
VIN = 2.7V
VIN - 0.5
V
PG falling threshold
PGVTH_F
VIN = 12V
70%
75%
80%
% of
VIN
VIN = 2.7V
VIN - 0.7
V
Output low voltage
VOL
10mA sink current
0.3
V
Off-state leakage current
ILK
VFLT = 3.3V
1
μA
MOSFET Short Detection
MOSFET drain-to-source (DS)
short entry threshold
VDSTH_ENT
VIN = 12V
85%
90%
95%
% of
VIN
VIN = 2.7V
VIN - 0.5
V
MOSFET DS short recovery
threshold
VDSTH_EXT
VIN = 12V
70%
75%
80%
% of
VIN
VIN = 2.7V
VIN - 0.7
V
Gate-to-source (GS) short
protection delay time (6)
tGS_ST
VSS > VCC - 0.7
150
200
250
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com