Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMSB300 Datasheet(PDF) 2 Page - STMicroelectronics

Part # IMSB300
Description  TCPlink Development System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMSB300 Datasheet(HTML) 2 Page - STMicroelectronics

  IMSB300 Datasheet HTML 1Page - STMicroelectronics IMSB300 Datasheet HTML 2Page - STMicroelectronics IMSB300 Datasheet HTML 3Page - STMicroelectronics IMSB300 Datasheet HTML 4Page - STMicroelectronics IMSB300 Datasheet HTML 5Page - STMicroelectronics IMSB300 Datasheet HTML 6Page - STMicroelectronics IMSB300 Datasheet HTML 7Page - STMicroelectronics IMSB300 Datasheet HTML 8Page - STMicroelectronics IMSB300 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/12
1
Overview
The IMS B300 is a complete fully cased sub-system unit that supports the development of applications in a networked
environment. Up to four target systems can be connected to the IMS B300. These can be connected up via differential
cables to a target with a differential interface, such as the ST20450 Development Board or via a single ended cable such
as the IMS CA16
. The facilities can be shared amongst a larger group of development engineers and the use of network
connections avoids the need to install interface hardware within each type of workstation.
The IMS B300 contains a high performance multi-processor implementation of the TCP/IP protocol stack, giving a net-
work interface that is easily integrated into open-systems environments. A link service is offered over TCP connections
giving transparent access to four subsystem and link interfaces from a host based environment.
Multiple IMS B300 systems can be installed for larger development groups, with shared access facilities controlled using
a system of named link ‘capabilities’.
The status and configuration of each IMS B300 system can be examined and monitored using an attached serial terminal
which gives access to an interactive display capability. Front panel LEDs also give a continuous display of system activity.
2
Interfaces
2.1
Connection to Ethernet
The network connection provides an IEEE-802.3 AUI connection. This allows connections to either 10BASE-5,
10BASE-2 and 10BASE-T physical media via suitable ‘tap boxes’.
A standard IEEE 802.3 AUI cable should be used to connect the IMS B300 to an Ethernet transceiver. The cable should
be secured to the back panel connector using the slide lock provided. Suitable cables are available from transceiver ven-
dors.
2.2
Connection to diagnostic terminal
The serial port on the rear panel may be connected to an ANSI compatible video terminal to give interactive information
displays on the operation of the IMS B300. If this connection is not used, the IMS B300 will still operate as normal. Stan-
dard RS232 levels are used on the serial port (male 9-way D-type) which has a pin-out equivalent to that of an IBM PC
AT serial socket. The serial cable supplied with the IMS B300 works with VT220 and VT320 ASCII terminals and compa-
tibles or PCs running ASCII terminal emulation. The software on the IMS B300 programs the serial port to run at 9600
baud, 8 data bits, 1 stop bit, with XON/XOFF flow control. It is not necessary to use the hardware flow control lines (RTS
and DTS) provided on the connector. An example cable description for the terminal cable is given in Figure 1.
9–way
female
D–type
25–way
female
D–type
pin 2
pin 3
pin 5
pin 2
pin 3
pin 7
IMS B300
Terminal
Figure 1
Example cable connection to diagnostic terminal
2.3
Diagnostic functions
Diagnosis and monitoring of a ‘live’ unit is achieved via a serial port on the IMS B300. This expects to communicate with
an ANSI compliant video terminal. A set of LEDs on the box front panel gives diagnostic information about the state of
each interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com