Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRF1206-R02FW Datasheet(PDF) 2 Page - TT Electronics.

Part # LRF1206-R02FW
Description  Low Value Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRF1206-R02FW Datasheet(HTML) 2 Page - TT Electronics.

  LRF1206-R02FW Datasheet HTML 1Page - TT Electronics. LRF1206-R02FW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Low Value Flat
Chip Resistor
LR Series
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Low Value Flat
Chip Resistor
LR Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Recommended Solder Pad Dimensions (mm)
A
B
C
LR1206
2.0
4.0
1.25
LR2010
3.05
6.5
1.5
LR2512
3.7
7.75
1.5
Note:
1. Although 2010 and 2512 sizes have passed temperature cycling and thermal shock, it is in general not recommended that ceramic
chips this large be used on FR4 in a severe temperature cycle environment due to the possibility of solder joint fatigue.
2. Full AEC-Q200 qualification applies only to European Part Numbers at ohmic values
≥R01.
A
C
B
LRC 2512 1 w
att
LRC 2512 2 w
att
LRC 2010 0.5 watt
LRC 2010 1 w
att
LR C 1206 0.25
w att
LR C 1206 0.5
w att
25
70
150 (°C)
0
20
40
60
80
100
(%)
Ambient temperature
Ordering Procedure
Example: LRF2512 at 10 milliohms (hence flip-chip mounted) and 2% tolerance on a reel of 1800 pieces
L R F 2 5 1 2 – R 0 1 G W
Type
Mounting
Conventional (element up)
Values > R025
F
Flip-chip (element down)
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G
2%
J
5%
Packing
W
Tape
1206 or 2010
3000/reel
Standard
2512
1800/reel
T1
All sizes
1000/reel
Values < R025
AEC-Q200 Table 7
Method
Max.
(add R05)
Typ.
(@1R0)
ref
Test
3
High Temp. Exposure MIL-STD-202 Method 108
R% 0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R% 0.25 0.1
6
Moisture Resistance MIL-STD-202 Method 106
R% 0.5
0.2
7
Biased Humidity MIL-STD-202 Method 103
R% 0.5
0.2
8 Operational Life (Cyclic Load) MIL-STD-202 Method 108
R%
1
0.5
14
Vibration MIL-STD-202 Method 204
R% 0.5 0.05
15 Resistance to Soldering Heat MIL-STD-202 Method 210
R% 0.25 0.05
16
Thermal Shock MIL-STD-202 Method 107
R% 0.25 0.1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R% 0.5
0.2
22
Terminal Strength
AEC-Q200-006
R% 0.25 0.1
Short Term Overload
6.25 x Pr for 2s
R% 0.5
Low Temperature Storage
-65°C for 100 hours
R% 0.5
Leach Resistance
Solder dip at 250°C
90s minimum
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LRF1206-R02FW (1206, 20 milliohms ±1%, Pb-free)
L
R
F
1
2
0
6
-
R
0
2
F W
1
2
3
4
5
USA (IRC) Part Number: LRC-LRF1206LF-01-R020-F (1206, 20 milliohms ±1%, Pb-free)
L
R C
-
L
R
F
1
2
0
6
L
F
-
0
1
-
R
0
2
0
-
F
1
2
3
4
5
6
7
Electrical Data
LR1206
LR2010
LR2512
Power ra ng @70°C
wa s
0.5
1
2
Resistance range1
ohms
R003 to 1R0
1
2
3
4
5
Type
Size
Value
Tolerance
Termination & Packing
LR = Conventional orientation
(values >R025)
1206 E24 = 3/4
characters
R = ohms
F = ±1%
W
Pb-free, standard packing
2010
G = ±2%
T1 Pb-free, 1000/reel (non-standard)
LRF = Flip-chip orientation
(values ≤R025)
2512
J = ±5%
PB
SnPb finish, standard packing
Standard packing is tape & reel
1206 & 2010
3000/reel
2512
1800/reel
1
2
3
4
5
6
7
Family
Model
Size Termination
TCR
Value
Tolerance
Packing
LRC LR = Conventional orientation
(values >R025)
1206 Omit for SnPb 01 = standard
(±100ppm/°C
values ≥R05)
4 characters
R = ohms
F = ±1%
Standard packing is tape & reel
2010 LF = Pb-free
G = ±2%
LRF = Flip-chip orientation
(values ≤R025)
2512
J = ±5%
Pb-free
Pb-free
All sizes
Pb-free
1000/reel
Pb-free
Make Possible
12.15
General Note
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
3000/reel
1800/reel
1206 & 2010
Pb-free
2512
Pb-free
SnPb
Pb-free



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com