Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR2010-R02FW Datasheet(PDF) 1 Page - TT Electronics.

Part # LR2010-R02FW
Description  Low Value Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LR2010-R02FW Datasheet(HTML) 1 Page - TT Electronics.

  LR2010-R02FW Datasheet HTML 1Page - TT Electronics. LR2010-R02FW Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Value Flat Chip Resistor
LR Series
Standard 2512, 2010 and 1206 sizes
Resistance values down to 0.003 ohms
Leach resistant solder-plated copper wrap-around termination
AEC-Q200 Qualified
RoHS compliant and SnPb variants
Resistors
09.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Standard 2512, 2010 and 1206 sizes
Resistance values down to 0.003 ohms
Leach resistant solder-plated copper wrap-around termination
AEC-Q200 Qualified
RoHS compliant and SnPb variants
Low Value Flat Chip Resistor
LR Series
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
t
l
o
v
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc | bKè ñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
LR1206
LR2010
LR2512
Power rating @70°C
watts
0.5
1
2
Resistance range1
ohms
R003 to 1R0
Resistance tolerance1
%
<R01: 5, ≥R01: 1, 2, 5
TCR
ppm/°C
≥R05: ±100, R025–R047: <+200, R015-R024: <+300,
R01-R014: <+500, <R01: <+900
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Temperature rise at rated power
°C
40
80
90
Pad / trace area3
mm2
30
100
300
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
t
l
o
v
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc| bKèñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
Note 1: Contact factory for value – tolerance combinations outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also
available. Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
Low Value Flat
Chip Resistor
LRC/LRF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Welwyn Components
Recommended Solder Pad Dimensions (mm)
A
B
C
LR1206
2.0
4.0
1.25
LR2010
3.05
6.5
1.5
LR2512
3.7
7.75
1.5
Note:
1. Although 2010 and 2512 sizes have passed temperature cycling and thermal shock, it is in general not recommended that ceramic
chips this large be used on FR4 in a severe temperature cycle environment due to the possibility of solder joint fatigue.
2. Full AEC-Q200 qualification applies only to European Part Numbers at ohmic values
≥R01.
A
C
B
i o` J i oc | bKè ñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=O
LRC 2512 1 w
att
LRC 2512 2 w
att
LRC 2010 0.5
watt
LRC 2010 1 w
att
LRC 1206
0.25 watt
LRC 1206
0.5 watt
25
70
150 (°C)
0
20
40
60
80
100
(%)
Ambient temperature
Ordering Procedure
Example: LRF2512 at 10 milliohms (hence flip-chip mounted) and 2% tolerance on a reel of 1800 pieces
L R F 2 5 1 2 – R 0 1 G W
Type
Mounting
Conventional (element up)
Values > R025
F
Flip-chip (element down)
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G
2%
J
5%
Packing
W
Tape
1206 or 2010
3000/reel
Standard
2512
1800/reel
T1
All sizes
1000/reel
Values < R025
AEC-Q200 Table 7
Method
Max.
(add R05)
Typ.
(@1R0)
ref
Test
3
High Temp. Exposure MIL-STD-202 Method 108
R% 0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R% 0.25
0.1
6
Moisture Resistance MIL-STD-202 Method 106
R% 0.5
0.2
7
Biased Humidity MIL-STD-202 Method 103
R% 0.5
0.2
8 Operational Life (Cyclic Load) MIL-STD-202 Method 108
R%
1
0.5
14
Vibration MIL-STD-202 Method 204
R% 0.5
0.05
15 Resistance to Soldering Heat MIL-STD-202 Method 210
R% 0.25 0.05
16
Thermal Shock MIL-STD-202 Method 107
R% 0.25
0.1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R% 0.5
0.2
22
Terminal Strength
AEC-Q200-006
R% 0.25
0.1
Short Term Overload
6.25 x Pr for 2s
R% 0.5
Low Temperature Storage
-65°C for 100 hours
R% 0.5
Leach Resistance
Solder dip at 250°C
90s minimum
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
tl
o
v
e
g
a
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
ir
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc| bKèñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
Make Possible
Resistors
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
Standard 2512, 2010 and 1206 sizes
Resistance values down to 0.003 ohms
Leach resistant solder-plated copper wrap-around termination
AEC-Q200 Qualified
RoHS compliant and SnPb variants
Low Value Flat Chip Resistor
LR Series
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
t
l
o
v
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc | bKè ñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
LR1206
LR2010
LR2512
Power rating @70°C
watts
0.5
1
2
Resistance range1
ohms
R003 to 1R0
Resistance tolerance1
%
<R01: 5, ≥R01: 1, 2, 5
TCR
ppm/°C
≥R05: ±100, R025–R047: <+200, R015-R024: <+300,
R01-R014: <+500, <R01: <+900
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Temperature rise at rated power
°C
40
80
90
Pad / trace area3
mm2
30
100
300
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
i
t
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
t
l
o
v
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
i
r
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc| bKèñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
Note 1: Contact factory for value – tolerance combinations outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also
available. Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
Low Value Flat
Chip Resistor
LRC/LRF Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Welwyn Components
Recommended Solder Pad Dimensions (mm)
A
B
C
LR1206
2.0
4.0
1.25
LR2010
3.05
6.5
1.5
LR2512
3.7
7.75
1.5
Note:
1. Although 2010 and 2512 sizes have passed temperature cycling and thermal shock, it is in general not recommended that ceramic
chips this large be used on FR4 in a severe temperature cycle environment due to the possibility of solder joint fatigue.
2. Full AEC-Q200 qualification applies only to European Part Numbers at ohmic values
≥R01.
A
C
B
i o` J i oc | bKè ñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=O
LRC 2512 1 w
att
LRC 2512 2 w
att
LRC 2010 0.5
watt
LRC 2010 1 w
att
LRC 1206
0.25 watt
LRC 1206
0.5 watt
25
70
150 (°C)
0
20
40
60
80
100
(%)
Ambient temperature
Ordering Procedure
Example: LRF2512 at 10 milliohms (hence flip-chip mounted) and 2% tolerance on a reel of 1800 pieces
L R F 2 5 1 2 – R 0 1 G W
Type
Mounting
Conventional (element up)
Values > R025
F
Flip-chip (element down)
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
G
2%
J
5%
Packing
W
Tape
1206 or 2010
3000/reel
Standard
2512
1800/reel
T1
All sizes
1000/reel
Values < R025
AEC-Q200 Table 7
Method
Max.
(add R05)
Typ.
(@1R0)
ref
Test
3
High Temp. Exposure MIL-STD-202 Method 108
R% 0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R% 0.25
0.1
6
Moisture Resistance MIL-STD-202 Method 106
R% 0.5
0.2
7
Biased Humidity MIL-STD-202 Method 103
R% 0.5
0.2
8 Operational Life (Cyclic Load) MIL-STD-202 Method 108
R%
1
0.5
14
Vibration MIL-STD-202 Method 204
R% 0.5
0.05
15 Resistance to Soldering Heat MIL-STD-202 Method 210
R% 0.25 0.05
16
Thermal Shock MIL-STD-202 Method 107
R% 0.25
0.1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R% 0.5
0.2
22
Terminal Strength
AEC-Q200-006
R% 0.25
0.1
Short Term Overload
6.25 x Pr for 2s
R% 0.5
Low Temperature Storage
-65°C for 100 hours
R% 0.5
Leach Resistance
Solder dip at 250°C
90s minimum
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
2
1
5
2
/
0
1
0
2
/
6
0
2
1
R
L
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
04.10
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
*
0
.
2
/
5
.
1
0
.
1
5
.
0
s
t
t
a
w
C
°
0
7
t
a
g
n
it
a
r
r
e
w
o
P
R
1
o
t
3
0
0
R
0
R
1
o
t
3
0
0
R
0
R
1
o
t
0
1
0
R
0
s
m
h
o
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
0
0
2
0
0
2
0
0
2
s
tl
o
v
e
g
a
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
)
s
m
h
o
0
5
0
.
0
w
o
l
e
b
e
u
l
a
v
r
o
f
y
r
o
t
c
a
f
t
c
a
t
n
o
C
(
0
0
1
±
C
°
/
m
p
p
R
C
T
%
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
≤R005 5%, >R005 1, 2, 5%
0
9
0
8
0
4
C
°
r
e
w
o
p
d
e
t
a
r
t
a
e
s
ir
e
r
u
t
a
r
e
p
m
e
T
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
D
)
x
a
m
(
H
W
L
e
z
i
S
LR1206
0.48±0.25
0.48±0.25
0.48±0.25
LR2010
LR2512
i o` J i oc| bKèñÇ==NOLOPLMQ==NMWMT=^j ==m~ÖÉ=N
3.20±0.305
1.63±0.20
0.8
0.84
0.84
5.23±0.38
2.64±0.25
6.50±0.38
3.25±0.25
Make Possible
Resistors
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)
All Pb-free parts comply with EU Directive 2011/65/EU amended by (EU) 2015/863 (RoHS3)


Similar Part No. - LR2010-R02FW

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LR2010-R02FW TTELEC-LR2010-R02FW Datasheet
766Kb / 2P
Low Value Flat cChip Resistor
More results

Similar Description - LR2010-R02FW

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRC WELWYN-LRC Datasheet
105Kb / 2P
Low Value Flat Chip Resistor
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR1206-R10FI ETC2-LR1206-R10FI Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR2512-R10FW ETC2-LR2512-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com