Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R6210.. Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # R6210..
Description  TLS 2200® & TLS PC Link™ Printer Ribbons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

R6210.. Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  R6210.. Datasheet HTML 1Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
323
TLS 2200® & TLS PC Link™ Printer Ribbons
Note: Black Ribbon 3MA45 included with TLS 2200 printer purchase.
Ribbons listed below for use in TLS 2200® and TLS PC Link™ printers only.
They are not compatible with the BMP®71 printer
l
Rec. Ribbon for use with respective material.
s
Acceptable ribbon for use with respective material.
UL
These materials are UL recognized with its respective ribbon.
How Many Labels Per Ribbon?
Have you ever wondered approximately how many labels you can print from one TLS 2200 Ribbon? Try this formula:
(Note: Our standard TLS2200 ribbons are 900 inches long (75 ft).)
Step 1:
label height + 0.10 = X
Step 2:
900 inches ÷ X = total labels per ribbon
Example:
Part Number PLT-19-422 is 1.0” tall.
1.0 inch label height + 0.10 = 1.10
900 inches ÷ 1.10 = 818 labels per ribbon
TLS 2200® & TLS PC Link™ Print Ribbon / Material Compatibility
cUL
These materials have been evaluated to Canadian safety requirements.
CSA
These materials are approved with its respective ribbon.
AGA
These materials are AGA approved.
For more information on Brady materials, visit BradyID.com/techdata.
TLS2200® Print Ribbons
Part Number
Description
Size
R4310
Black Ribbon
75’ (22.90 m)
R6010
Black Ribbon
75’ (22.90 m)
R6210
Black Ribbon
75’ (22.90 m)
R4410-BL
Blue Ribbon
75’ (22.90 m)
R4410-RD
Red Ribbon
75’ (22.90 m)
R4410-WT
White Ribbon
75’ (22.90 m)
B-Number
Material
R4310
(Black)
R6010
(Black)
R6210
(Black)
R4410
(Colors)
B-109
Polyethylene
l
l
–
–
B-145
Polyethylene
–
–
l
–
B-321
Polyolefin
–
–
–
l
B-342
Polyolefin
l
–
–
–
B-351
Vinyl
–
–
–
l
B-352
Vinyl
–
–
l
–
B-390
Polypropylene
–
l
–
–
B-412
Polypropylene
–
–
–
l
B-422
Polyester
–
s
l
UL/CSA
s
B-423
Polyester
–
s
l
UL/CSA/AGA
s
B-424
Paper
l
–
–
–
B-425
Polypropylene
l
UL
–
l
UL/CSA
–
B-427
Vinyl
l
UL
–
–
s
B-428
Polyester
l
UL/CSA/AGA
–
–
–
B-430
Polyester
–
s
l
UL/CSA
s
B-432
Polyester
–
s
l
UL/CSA
–
B-435
Polyester
–
–
l
UL/CSA
–
B-439
Vinyl
–
s
l
s
B-449
Polypropylene
l
–
l
–
B-459
Polyester
–
s
UL
l
UL/CSA
–
B-461
Polyester
l
–
–
s
B-473
Polyester
–
–
l
UL/CSA
s
B-483
Polyester
–
s
l
UL/CSA
s
B-486
Polyester
l
UL/CSA
–
–
B-488
Polyester
l
UL/CSA/AGA
–
l
UL/CSA
B-489
Polyester
l
UL/CSA
–
–
B-490
Polyester
l
–
s
–
B-498
Vinyl Cloth
s
–
l
B-499
Nylon Cloth
l
UL/CSA
–
s
B-593
Polyester
–
l
UL/cUL
–
l
UL/cUL
B-724
Polyimide
l
–
–
–
B-727
Polyimide
–
–
l
UL
–
B-717
Polyimide
–
l
UL
–
s
B-718
Polyimide
–
–
l
UL
–
B-719
Polyimide
–
–
l
UL
–
B-7546
Polyester
–
–
l
UL/CSA
–
B-7566
Polyester
–
s
l
–
B-7576
Polyester
–
s
l
UL
–
B-8425
Polyolefin
–
s
l
UL
–
BradyID.com/tls2200
1-888-272-3946
BradyID.com/s34
10c_TLS.indd 323
11/25/14 9:34 AM


Similar Part No. - R6210..

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
R621X003 GIACOMINI-R621X003 Datasheet
549Kb / 3P
Hose bibs, standard port
R621X014 GIACOMINI-R621X014 Datasheet
549Kb / 3P
Hose bibs, standard port
R621X015 GIACOMINI-R621X015 Datasheet
549Kb / 3P
Hose bibs, standard port
More results

Similar Description - R6210..

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TLS001 LITTELFUSE-TLS001 Datasheet
464Kb / 1P
TLS Series Telecommunications Power Fuse
logo
List of Unclassifed Man...
R6011 ETC2-R6011 Datasheet
496Kb / 1P
Thermal Transfer Print Ribbons
ECL-111-619 ETC2-ECL-111-619 Datasheet
2Mb / 1P
TLS 2200 Voice & Data Comm Materials
logo
Maxim Integrated Produc...
MAXQ1061-KIT MAXIM-MAXQ1061-KIT Datasheet
57Kb / 1P
Toggle Switches for TLS/AES-SPI Mode and Remote/Local Mode Selection
4-25-2017
logo
Schneider Electric
XBTZ945 SCHNEIDER-XBTZ945 Datasheet
85Kb / 1P
Magelis XBT - RS232C serial printer PC link - 2.5 m - for small terminal
Aug 10, 2019
XBTZ915 SCHNEIDER-XBTZ915 Datasheet
122Kb / 2P
Harmony XBT - RS232C serial printer PC link - 2.5 m
Apr 27, 2022
logo
Advantech Co., Ltd.
ARS-2110 ADVANTECH-ARS-2110 Datasheet
1Mb / 2P
EN50155 Intel® Atom™ E3845 Fanless Box PC
12-Jul-2022
logo
Silicon Laboratories
RS9116 SILABS-RS9116 Datasheet
3Mb / 82P
RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
logo
BCM Advanced Research.
EPC-SKLU BCM-EPC-SKLU Datasheet
479Kb / 1P
6th Generation Intel® Core™/ Celeron® Processor Fanless Compact BOX PC
1/2/2018
logo
AAEON Technology
OMNI-2155-CML AAEON-OMNI-2155-CML Datasheet
485Kb / 2P
15.6” HMI Panel PC with 10th Generation Intel® Core™ / Celeron® Processor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com