Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPICS Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # EPICS
Description  Drivers for Distributed Control Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

EPICS Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  EPICS Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. EPICS Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
aerotech.com
EPICS & TANGO SPECIFICATIONS
Feature
EPICS
TANGO
Home Page
Epics Controls
Tango Controls
Development Partners
Argonne National Labs
Observatory Sciences
Observatory Sciences
GitHub Repository
https://github.com/epics-motor/
motorAutomation1
TBD
Open Source
Yes
Yes
Step-Scan Control
Yes
Yes
On-the-Fly Scanning Control
Yes (PSO)
Yes (PSO)
Backup & Restore Controller Data (MCD files)
Yes
Yes
Run Any Command via the Interface
Yes
Yes
Command, Control & Synchonize Axes
Yes
Yes
BUILT FOR SMALLER BEAM SIZES
The superior performance of Automation1 drive hardware, coupled with PSO control, makes Automation1 the natural choice
for beamline applications. Automation1 drives also contain large memory arrays and the capability to store—in real-time—the
feedback positions at each PSO firing event. This data is later downloaded and synchronized with experimental data. This
approach enables continuous scanning, optimizing experimental time and beamline profitability.
ETHERCAT + HYPERWIRE SUPPORT
Automation1 supports EtherCAT at the controller level, enabling the controller to be networked into larger controller architectures
—like the ones required to control light sources or telescopes. Motion control is still managed over the innovative HyperWire
motion bus, which operates at 100kHz, has 2 Gbps throughput and can manage up to 32* axes of servo control trajectories at 20
kHz. HyperWire also contains patented jitter reduction technology enabling <1 nanosecond of jitter for 16 axes of control, giving
you the best multi-axis synchronization in motion control.
BUILT-IN CLIENT:SERVER MODEL
Automation1 has a client:server model built into the controller. The controller is available to be deployed to a Linux-based servo
motor drive (which can network up to 12 axes of motion together) or to a Windows-based PC (which can network up to 32 axes of
motion). Each controller can be accessed remotely by any of the available Automation1 APIs.
*Note: EtherCAT connectivity is only available for drive-based controllers. Drive-based controllers can control a maximum of 12 axes. To control up to 32
axes you must use a PC-based controller. See Automation1-iSMC for more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com