Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QWCA-229-SF-R-2 Datasheet(PDF) 2 Page - Qualwave Inc. All rights reserved.

Part # QWCA-229-SF-R-2
Description  Waveguide Calibration Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWCA-229-SF-R-2 Datasheet(HTML) 2 Page - Qualwave Inc. All rights reserved.

  QWCA-229-SF-R-2 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QWCA-229-SF-R-2 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Waveguide Calibration Kits
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
2
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
Environmental
Operating Temperature:
-40~+85
℃
Non-operating Temperature:
-50~+85
℃
How To Order
QWCK-229
All the 5 components in one box.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com