Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QWCA-650-NF-R-2 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QWCA-650-NF-R-2
Description  Waveguide Calibration Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWCA-650-NF-R-2 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QWCA-650-NF-R-2 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QWCA-650-NF-R-2 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Waveguide Calibration Kits
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
1
QWCK-650
WR-650, 1.13~1.73GHz
Features:
Applications:
* Broad Band
* Calibration
* Low VSWR
* Laboratory Test
Components
Part Number
Frequency VSWR
Description
Material
Finish
Coating
Quantity
(pcs)
Outline
Drawings
(GHz)
(Max.)
QWCA-650-NF-R-2 1.13~1.73
1.2
Waveguide to coax adapter, WR-650
(BJ14) to N(f), right angle, FDP14
Aluminium
Conductive
oxidation
Sea
gray
2
Outline A
QWT650-25-A-2
1.13~1.73 1.04
Low power waveguide termination,
WR-650 (BJ14), 25W, FDP14
Aluminium
Conductive
oxidation
Sea
gray
1
Outline B
QWS650-A-2
1.13~1.73
-
Waveguide short, WR-650 (BJ14),
12mm, FDP14
Aluminium
-
-
1
Outline D
QWSS650-69.86-A-2 1.13~1.73
-
1/4λ Waveguide straight section,
WR-650 (BJ14), 69.86mm, FDP14
Aluminium
-
-
1
Outline C
Storage Box
Aluminum Alloy
1
-
Screw
1 set
-
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]


Similar Part No. - QWCA-650-NF-R-2

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QWCA-650-N QUALWAVE-QWCA-650-N Datasheet
184Kb / 1P
Waveguide to Coax Adapters
Rev 1.2
More results

Similar Description - QWCA-650-NF-R-2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
Calibration
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
Designers Kits
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com