Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMA1-RSPA10 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMMA1-RSPA10
Description  Magnetic NMO Mount with 10 Ft. LMR195 Equivalent Cable & Reverse Polarity-SMA Plug Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMMA1-RSPA10 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMMA1-RSPA10 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMMA1-RSPA10 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
REV 1 Page 1 of 2
Copyright © 2020
Magnetic NMO Mount with 10 Ft. LMR195 Equivalent
Cable & Reverse Polarity-SMA Plug Connector
Features:
• Magnetic NMO Mount
• Plug and Play Installation
• 3-inch diameter
• 10 Foot, Black Low-Loss
LMR195 Equivalent
• RP-SMA Plug Connector
• RoHS Compliant
Applications:
• Service Vehicles
• Public Transportation
• Public Safety
• Mining & Construction
• Fleet Management
Fairview Microwave’s FMMA1-RSPA10 is an NMO-type mobile antenna magnetic mount,
which is ideal when the portability of the antenna is required. This NMO antenna mount is
constructed with a heavy-duty magnet to ensure secure mounting. No drilling is required
for installation of this antenna mount, making it easy to fine-tune the antenna location.
The magnetic base is easy to install and offers a temporary plug and play installation.
The FMMA1-RSPA10 mobile antenna mount from Fairview Microwave features a high-
performance 10-foot black low-loss 195-series cable. This magnetic mount comes with a
reverse polarity SMA plug connector and can be used for WLAN, Wi-Fi, public safety, and
mobile RF applications. Our NMO mount has a length of 1.2 inch and a diameter of 3
inch. This magnetic mount with a rubber gasket is suitable for service vehicles, public
transportation, law enforcement, fleet management, and mining and construction vehicles.
Fairview Microwave has the largest in-stock selection of NMO-type mobile antenna magnetic
mount with the same-day shipment. Make your online purchase right now to take advantage
of our same-day shipping. For further information on similar products, our expert technical
support and knowledgeable sales team can help you get the ideal antenna mount with a
reverse polarity SMA plug connector for your requirements.
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width
3 in [76.2 mm]
Height
3 in [76.2 mm]
.
Weight
0.8 lbs [362.87 g]
Environmental Specifications
Magnetic NMO Mount with 10 Ft. LMR195 Equivalent Cable & Reverse Polarity-
SMA Plug Connector from Fairview Microwave is in-stock and available to ship
same-day. All of our RF/microwave products are available off-the-shelf from our
ISO 9001:2008 certified facilities in Lewisville, Texas. Fairview Microwave is RF
on-demand.
For additional information on this product, please click the following link: Magnetic
NMO Mount with 10 Ft. LMR195 Equivalent Cable & Reverse Polarity-SMA Plug
Connector
URL:
FMMA1-RSPA10
DATA SHEET


Similar Part No. - FMMA1-RSPA10

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMA1-RTPA10 FAIRVIEW-FMMA1-RTPA10 Datasheet
506Kb / 2P
Magnetic NMO Mount with 10 Ft. LMR195 Equivalent Cable & Reverse Polarity-TNC Plug Connector
REV 1 A
More results

Similar Description - FMMA1-RSPA10

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51022-1 PASTERNACK-PE51022-1 Datasheet
259Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA MALE, RG58
PE51022-2 PASTERNACK-PE51022-2 Datasheet
236Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO SMA FEMALE, RG58
PE51022-12 PASTERNACK-PE51022-12 Datasheet
241Kb / 1P
ANTENNA MOUNT (NMO) CABLE ASSEMBLY, NMO MAGNETIC MOUNT TO REVERSE POLARITY SMA MALE, RG58
PE34750-12 PASTERNACK-PE34750-12 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-18 PASTERNACK-PE34750-18 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-24 PASTERNACK-PE34750-24 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-36 PASTERNACK-PE34750-36 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-60 PASTERNACK-PE34750-60 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-72 PASTERNACK-PE34750-72 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com