Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XP1048-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part # XP1048-QJ
Description  3.3-3.8 GHz HFET 3W Linear Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1048-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  XP1048-QJ Datasheet HTML 1Page - Mimix Broadband XP1048-QJ Datasheet HTML 2Page - Mimix Broadband XP1048-QJ Datasheet HTML 3Page - Mimix Broadband XP1048-QJ Datasheet HTML 4Page - Mimix Broadband XP1048-QJ Datasheet HTML 5Page - Mimix Broadband XP1048-QJ Datasheet HTML 6Page - Mimix Broadband XP1048-QJ Datasheet HTML 7Page - Mimix Broadband XP1048-QJ Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
December 2007 - Rev 03-Dec-07
P1048-QJ
Linear Power @ EVM = 2.5% Vs Frequency Vs Current
OFDM 802.16d, 64QAM, PAR =9dB
Vdd = 8V, 3.5GHz
18
19
20
21
22
23
24
25
26
27
28
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
Frequency (GHz)
550mA
620mA
720mA
3 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4 4.1 4.2 4.3 4.4 4.5
Frequency (GHz)
S parameters Vdd = 8V, Idq = 500mA
-15
-13
-11
-9
-7
-5
-3
-1
1
3
5
7
9
11
13
15
S11
S21
S22
3
3.1
3.23.3
3.43.5
3.63.7
3.83.9
4
Frequency (GHz)
Gain @ Vdd = 8V
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
8v_500mA
8v_650mA
P1dB Vs Frequency Vs Voltage
Idq = 720mA
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
P1dB Vs Frequency Vs Voltage
Idq = 620mA
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
P1dB Vs Frequency Vs Voltage
Idq = 480mA
29.0
30.0
31.0
32.0
33.0
34.0
35.0
36.0
3.20
3.30
3.40
3.50
3.60
3.70
3.80
3.90
Frequency (GHz)
5V
6V
7V
8V
9V
3.3-3.8 GHz HFET
3W Linear Power Amplifier
Typical Performance



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com