Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F-S-R Datasheet(PDF) 1 Page - EP-TeQ

Part # F-S-R
Description  EP-TeQ [EVERETT-CHARLES-TECH]^2354
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERETT-CHARLES-TECH [EP-TeQ]
Direct Link  https://www.ep-teq.com/
Logo EVERETT-CHARLES-TECH - EP-TeQ

F-S-R Datasheet(HTML) 1 Page - EP-TeQ

  F-S-R Datasheet HTML 1Page - EP-TeQ F-S-R Datasheet HTML 2Page - EP-TeQ  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F-S
Non-Replaceable Probe - Epoxy Mount
Product Family: F-S
Springs
Force Type – Preload in oz (g) – Rec. Travel in oz (g) -
Spring Material
Standard - 2.00 (57.00) - 6.00 (170.00) - Stainless Steel, Gold
plated
Mechanical:
Test Center (mil): 125
Test Center (mm): 3.18
Overall Length (mil): 780
Overall Length (mm): 19.81
Full Travel (mil): 100
Full Travel (mm): 2.54
Recommended Travel (mil): 66
Recommended Travel (mm): 1.68
Rec. Mounting Hole Size (mil): 86
Rec. Mounting Hole Size (mm): 2.18
Recommended Drill Size: #44
Thermal:
Max Operating Temp (°C): 150
Min Operating Temp (°C): -55
Electrical:
Current Rating (Amps): 5
Average DC Resistance lower than (mOhm): 30
Materials & Finishes:
Plunger Material: Heat-treated BeCu Gold plated or
heat-treated Brass, Rhodium plated
Barrel Material: Brass, Gold plated
Ball Material: Stainless Steel, Gold plated


Similar Part No. - F-S-R

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-SBAND-T THOR-F-SBAND-T Datasheet
425Kb / 1P
The F-SBAND series wide band laser transceivers are designed for enabling a high linearity optical link for RF over fiber in the S-BAND up to 5 GHz
logo
Ohmite Mfg. Co.
F-SERIES OHMITE-F-SERIES Datasheet
435Kb / 2P
For vertical mounting with solderable pins
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
Structured Cable Produc...
F-SFP10G-MM STRUCTURED-CABLE-F-SFP10G-MM Datasheet
809Kb / 3P
10GBASE-SR SFP 850NM 300M DOM TRANSCEIVER
Rev 08/2020
F-SFP10GDAC STRUCTURED-CABLE-F-SFP10GDAC Datasheet
381Kb / 1P
GENERIC COMPATIBLE 10G SFP PASSIVE DIRECT ATTACH COPPER
Rev 08/2020
More results

Similar Description - F-S-R

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
EP7 YUXIANG-EP7 Datasheet
105Kb / 2P
EP Core
logo
Fair-Rite Products Corp...
6578070121 FAIR-RITE-6578070121 Datasheet
513Kb / 1P
EP Cores
6578200121 FAIR-RITE-6578200121 Datasheet
514Kb / 1P
EP Cores
logo
TRACO Electronic AG
TEQ100WIR TRACOPOWER-TEQ100WIR Datasheet
1Mb / 4P
TEQ 100WIR Series, 100 Watt
Rev. March 16, 2023
TEQ160WIR TRACOPOWER-TEQ160WIR Datasheet
1Mb / 4P
TEQ 160WIR Series, 160 Watt
Rev. March 16, 2023
TEQ200WIR TRACOPOWER-TEQ200WIR Datasheet
1Mb / 4P
TEQ 200WIR Series, 200 Watt
Rev. March 16, 2023
TEQ20WIR TRACOPOWER-TEQ20WIR Datasheet
967Kb / 4P
TEQ 20WIR Series, 20 Watt
Rev. March 16, 2023
TEQ300WIR TRACOPOWER-TEQ300WIR Datasheet
1Mb / 4P
TEQ 300WIR Series, 300 Watt
Rev. March 16, 2023
TEQ40WIR TRACOPOWER-TEQ40WIR Datasheet
1,017Kb / 4P
TEQ 40WIR Series, 40 Watt
Rev. March 16, 2023
logo
Schneider Electric
XX7V1A1PAM12J13 SCHNEIDER-XX7V1A1PAM12J13 Datasheet
96Kb / 1P
LIKE VM1-PNO-13-TEQ SCHNEIDER
Apr 17, 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com