Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGM803-RXN3 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM803-RXN3
Description  Microprocessor Supervisory Circuit in 3-Pin SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM803-RXN3 Datasheet(HTML) 7 Page - SG Micro Corp

  SGM803-RXN3 Datasheet HTML 1Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 2Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 3Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 4Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 5Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 6Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 7Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 8Page - SG Micro Corp SGM803-RXN3 Datasheet HTML 9Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SGM803/809/810
7
APPLICATION NOTES
BENEFITS OF AN ACCURATE RESET
THRESHOLD
In other microprocessor supervisory circuits, tolerances in
supply voltages lead to an overall increase in reset tolerance
levels due to the deterioration of the microprocessor reset
circuit’s power supply. The possibility of a malfunction during a
power failure is greatly reduced because the SGM803/
SGM809/SGM810 series can operate effectively even when
there are large degradations of the supply voltages. Another
advantage of the SGM803/ SGM809/SGM810 series is its very
accurate internal voltage reference circuit. These benefits
combine to produce an exceptionally reliable voltage monitor
circuit.
INTERFACING TO MICROPROCESSORS WITH
MULTIPLE INTERRUPTS
In a number of cases, it is necessary to interface many
interrupts from different devices (for example, thermal, altitude,
and velocity sensors). The SGM803/SGM809/SGM810 can
easily be integrated into existing interrupt-handling circuits, as
shown in Figure 1, or can be used as a standalone device.
SGM809
GND
RESET
VCC
VCC
OTHER SENSING
DEVICES
PRIORITY ENCODER
74LS147
4-LINE BCD TO
MICROPROCESSOR
Figure 1. Interfacing to Microprocessors with Multiple
Interrupts
INTERFACING TO OTHER DEVICES’ OUTPUT
The SGM803/SGM809/SGM810 series is designed to integrate
with as many devices as possible and, therefore, has a
standard output dependent on VCC. This enables the parts to
be used in both 3 V and 5 V, or any nominal voltage within the
minimum and maximum specifications for VCC. This design
simplifies interfacing this device to other devices.
ENSURING A VALID RESET OUTPUT DOWN TO
VCC = 0 V
When VCC falls below 1.0 V, the SGM803/SGM809 RESET no
longer sinks current. A high impedance CMOS logic input
connected to RESET may, therefore, drift to undetermined logic
levels. To eliminate this problem, a 100kΩ resistor should be
connected from RESET to ground.
SGM809
GND
RESET
VCC
VCC
Figure 2. Ensuring a Valid Reset Output Down to VCC = 0V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com