Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-3-45-CL Datasheet(PDF) 1 Page - Pro-Power

Part # PVC-3-45-CL
Description  Sleeving
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PVC-3-45-CL Datasheet(HTML) 1 Page - Pro-Power

  PVC-3-45-CL Datasheet HTML 1Page - Pro-Power PVC-3-45-CL Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.2
17/04/20
Sleeving
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Application
A flexible PVC sleeving in a wide range of sizes, manufactured to meet 105°C
applications, supplied in 100 metre coils continuous sleeving to facilitate
overall protection of cable harnesses.
Specifications
Continuous Operating Temperature
: -40°C to +105°C
Density
: 1.35
Tensile Strength
: 18N/mm2
Elongation to Break
: 250% Min.
Cold Bend
: -30°C
Insulation Resistance
: 1012 Ω/cm
Hardness
: 83 A Shore
Dielectric Strength
: 25kV/mm
Flammability
: Self-extinguishing in 30 seconds
Tolerance
: ±0.15mm
Description
Min.
Inside Diameter
(mm)
Wall Thickness
(mm)
Colour
Part Number
Sleeving, Ins, 1mm, Black, 100m
1
0.5
Black
PVC-1-0-CL
Sleeving, Ins, 1mm, Red, 100m
Red
PVC-1-2-CL
Sleeving, Ins, 2mm, Grn/Yell, 100m
2
Green / Yellow
PVC-2-45-CL
Sleeving, Ins, 2mm, Black, 100m
Black
PVC-2-0-CL
Sleeving, Ins, 2mm, Brown, 100m
Brown
PVC-2-1-CL
Sleeving, Ins, 2mm, Blue, 100m
Blue
PVC-2-6-CL
Sleeving, Ins, 2mm, Gry, 100m
Grey
PVC-2-8-CL
Sleeving, Ins, 2mm, Red, 100m
Red
PVC-2-2-CL
Part Number Table
Note:
PVC can be sterilised with gamma but material formulations and radiation dosages have to be carefully considered because of
the embrittling and discolouring that can occur.


Similar Part No. - PVC-3-45-CL

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PVC-3-45-CL PROPOWER-PVC-3-45-CL Datasheet
206Kb / 2P
Sleeving
V1.1 28/07/15
logo
Multicomp Pro
PVC-3-45-CL MULTICOMP-PVC-3-45-CL Datasheet
225Kb / 2P
Sleeving
04/12/20 V1.0
PVC-3-45-CL MULTICOMP-PVC-3-45-CL Datasheet
225Kb / 2P
Sleeving
V1.0 04/12/20
More results

Similar Description - PVC-3-45-CL

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
102-001-004 GLENAIR-102-001-004 Datasheet
63Kb / 1P
Expandable Fabric Tubular Braided Sleeving
logo
Kemet Corporation
2A-160 KEMET-2A-160 Datasheet
121Kb / 1P
Assembly into Can , Sleeving Machine
logo
OEN India Limited
04-ES-125 OENINDIA-04-ES-125 Datasheet
114Kb / 1P
Expandable Braided Polyester Sleeving
04-ESNF125-10 OENINDIA-04-ESNF125-10 Datasheet
188Kb / 1P
No-Fray Expandable Braided Polyester Sleeving
logo
Heyco.
8880 HEYCO-8880 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com