Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC-3-0-CL Datasheet(PDF) 2 Page - Pro-Power

Part # PVC-3-0-CL
Description  Sleeving
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PVC-3-0-CL Datasheet(HTML) 2 Page - Pro-Power

  PVC-3-0-CL Datasheet HTML 1Page - Pro-Power PVC-3-0-CL Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.2
17/04/20
Sleeving
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Min.
Inside Diameter
(mm)
Wall Thickness
(mm)
Colour
Part Number
Sleeving, Ins, 3mm, Grn/Yell, 100m
3
0.5
Green / Yellow
PVC-3-45-CL
Sleeving, Ins, 3mm, Black, 100m
Black
PVC-3-0-CL
Sleeving, Ins, 3mm, Brown, 100m
Brown
PVC-3-1-CL
Sleeving, Ins, 3mm, Blue, 100m
Blue
PVC-3-6-CL
Sleeving, Ins, 3mm, Gry, 100m
Grey
PVC-3-8-CL
Sleeving, Ins, 3mm, Red, 100m
Red
PVC-3-2-CL
Sleeving, Ins, 4mm, Grn/Yell, 100m
4
Green / Yellow
PVC-4-45-CL
Sleeving, Ins, 4mm, Black, 100m
Black
PVC-4-0-CL
Sleeving, Ins, 4mm, Brown, 100m
Brown
PVC-4-1-CL
Sleeving, Ins, 4mm, Blue, 100m
Blue
PVC-4-6-CL
Sleeving, Ins, 4mm, Gry, 100m
Grey
PVC-4-8-CL
Sleeving, Ins, 4mm, Red, 100m
Red
PVC-4-2-CL
Sleeving, Ins, 6mm, Grn/Yell, 100m
6
Green / Yellow
PVC-6-45-CL
Sleeving, Ins, 6mm, Black, 100m
Black
PVC-6-0-CL
Sleeving, Ins, 6mm, Blue, 100m
Blue
PVC-6-6-CL
Sleeving, Ins, 6mm, Gry, 100m
Grey
PVC-6-8-CL
Sleeving, Ins, 6mm, Red, 100m
Red
PVC-6-2-CL
Sleeving, Ins, 7mm, Black, 100m
7
Black
PVC-7-0-CL
Sleeving, Ins, 7mm, Red, 100m
Red
PVC-7-2-CL
Sleeving, Ins, 8mm, Black, 100m
8
Black
PVC-8-0-CL
Sleeving, Ins, 8mm, Red, 100m
Red
PVC-8-2-CL
Sleeving, Ins, 10mm, Black, 100m
10
Black
PVC-10-0-CL
Sleeving, Ins, 10mm, Red, 100m
Red
PVC-10-2-CL
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - POWER is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com