Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13680 Datasheet(PDF) 3 Page - Pro-Power

Part # 13680
Description  2:1 Normal Wall Heatshrink Tubing
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

13680 Datasheet(HTML) 3 Page - Pro-Power

  13680 Datasheet HTML 1Page - Pro-Power 13680 Datasheet HTML 2Page - Pro-Power 13680 Datasheet HTML 3Page - Pro-Power 13680 Datasheet HTML 4Page - Pro-Power 13680 Datasheet HTML 5Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page <3>
V1.1
09/03/20
2:1 Normal Wall Heatshrink Tubing
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1 Yellow 6.4mm
5m
15060
Heatshrink Tubing Normal Wall 2:1 Yellow 9.5mm
5m
15061
Heatshrink Tubing Normal Wall 2:1 Yellow 12.7mm
5m
15062
Heatshrink Tubing Normal Wall 2:1 Yellow 19mm
5m
15063
Heatshrink Tubing Normal Wall 2:1 Yellow 25.4mm
5m
15064
Heatshrink Tubing Normal Wall 2:1 Yellow 38.1mm
5m
15065
Heatshrink Tubing Normal Wall 2:1 Yellow 50.8mm
5m
15066
Heatshrink Tubing Normal Wall 2:1 White 1.6mm
100m
13688
Heatshrink Tubing Normal Wall 2:1 White 2.4mm
100m
13689
Heatshrink Tubing Normal Wall 2:1 White 3.2mm
100m
13690
Heatshrink Tubing Normal Wall 2:1 White 4.8mm
100m
13691
Heatshrink Tubing Normal Wall 2:1 White 6.4mm
100m
13692
Heatshrink Tubing Normal Wall 2:1 White 9.5mm
100m
13693
Heatshrink Tubing Normal Wall 2:1 White 12.7mm
100m
13694
Heatshrink Tubing Normal Wall 2:1 White 19mm
100m
13695
Heatshrink Tubing Normal Wall 2:1 White 25.4mm
50m
13696
Heatshrink Tubing Normal Wall 2:1 White 38.1mm
50m
13697
Heatshrink Tubing Normal Wall 2:1 White 50.8mm
25m
13698
Heatshrink Tubing Normal Wall 2:1 White 1.6mm
5m
15067
Heatshrink Tubing Normal Wall 2:1 White 2.4mm
5m
15068
Heatshrink Tubing Normal Wall 2:1 White 3.2mm
5m
15069
Heatshrink Tubing Normal Wall 2:1 White 4.8mm
5m
15070
Heatshrink Tubing Normal Wall 2:1 White 6.4mm
5m
15071
Heatshrink Tubing Normal Wall 2:1 White 9.5mm
5m
15072
Heatshrink Tubing Normal Wall 2:1 White 12.7mm
5m
15073
Heatshrink Tubing Normal Wall 2:1 White 19mm
5m
15074
Heatshrink Tubing Normal Wall 2:1 White 25.4mm
5m
15075
Heatshrink Tubing Normal Wall 2:1 White 38.1mm
5m
15076
Heatshrink Tubing Normal Wall 2:1 White 50.8mm
5m
15077
Heatshrink Tubing Normal Wall 2:1 Blue 1.6mm
100m
13699
Heatshrink Tubing Normal Wall 2:1 Blue 2.4mm
100m
13700
Heatshrink Tubing Normal Wall 2:1 Blue 3.2mm
100m
13701
Heatshrink Tubing Normal Wall 2:1 Blue 4.8mm
100m
13702
Heatshrink Tubing Normal Wall 2:1 Blue 6.4mm
100m
13703
Heatshrink Tubing Normal Wall 2:1 Blue 9.5mm
100m
13704
Heatshrink Tubing Normal Wall 2:1 Blue 12.7mm
100m
13705
Heatshrink Tubing Normal Wall 2:1 Blue 19mm
100m
13706
Heatshrink Tubing Normal Wall 2:1 Blue 25.4mm
50m
13707
Heatshrink Tubing Normal Wall 2:1 Blue 38.1mm
50m
13708
Heatshrink Tubing Normal Wall 2:1 Blue 50.8mm
25m
13709
Heatshrink Tubing Normal Wall 2:1 Blue 1.6mm
5m
15078
Heatshrink Tubing Normal Wall 2:1 Blue 2.4mm
5m
15079
Description
Reel
Length
Part
Number
Heatshrink Tubing Normal Wall 2:1 Blue 3.2mm
5m
15080
Heatshrink Tubing Normal Wall 2:1 Blue 4.8mm
5m
15081
Heatshrink Tubing Normal Wall 2:1 Blue 6.4mm
5m
15082
Heatshrink Tubing Normal Wall 2:1 Blue 9.5mm
5m
15083
Heatshrink Tubing Normal Wall 2:1 Blue 12.7mm
5m
15084
Heatshrink Tubing Normal Wall 2:1 Blue 19mm
5m
15085
Heatshrink Tubing Normal Wall 2:1 Blue 25.4mm
5m
15086
Heatshrink Tubing Normal Wall 2:1 Blue 38.1mm
5m
15087
Heatshrink Tubing Normal Wall 2:1 Blue 50.8mm
5m
15088
Heatshrink Tubing Normal Wall 2:1 Brown 1.6mm
100m
13721
Heatshrink Tubing Normal Wall 2:1 Brown 2.4mm
100m
13722
Heatshrink Tubing Normal Wall 2:1 Brown 3.2mm
100m
13723
Heatshrink Tubing Normal Wall 2:1 Brown 4.8mm
100m
13724
Heatshrink Tubing Normal Wall 2:1 Brown 6.4mm
100m
13725
Heatshrink Tubing Normal Wall 2:1 Brown 9.5mm
100m
13726
Heatshrink Tubing Normal Wall 2:1 Brown 12.7mm
100m
13727
Heatshrink Tubing Normal Wall 2:1 Brown 19mm
100m
13728
Heatshrink Tubing Normal Wall 2:1 Brown 25.4mm
50m
13729
Heatshrink Tubing Normal Wall 2:1 Brown 38.1mm
50m
13730
Heatshrink Tubing Normal Wall 2:1 Brown 50.8mm
25m
13731
Heatshrink Tubing Normal Wall 2:1 Brown 1.6mm
5m
15100
Heatshrink Tubing Normal Wall 2:1 Brown 2.4mm
5m
15101
Heatshrink Tubing Normal Wall 2:1 Brown 3.2mm
5m
15102
Heatshrink Tubing Normal Wall 2:1 Brown 4.8mm
5m
15103
Heatshrink Tubing Normal Wall 2:1 Brown 6.4mm
5m
15104
Heatshrink Tubing Normal Wall 2:1 Brown 9.5mm
5m
15105
Heatshrink Tubing Normal Wall 2:1 Brown 12.7mm
5m
15106
Heatshrink Tubing Normal Wall 2:1 Brown 19mm
5m
15107
Heatshrink Tubing Normal Wall 2:1 Brown 25.4mm
5m
15108
Heatshrink Tubing Normal Wall 2:1 Brown 38.1mm
5m
15109
Heatshrink Tubing Normal Wall 2:1 Brown 50.8mm
5m
15110
Heatshrink Tubing Normal Wall 2:1, Black, 1.2mm
1.2m
PP002706
Heatshrink Tubing Normal Wall 2:1, Black, 1.6mm
1.2m
PP002707
Heatshrink Tubing Normal Wall 2:1, Black, 2.4mm
1.2m
PP002708
Heatshrink Tubing Normal Wall 2:1, Black, 3.2mm
1.2m
PP002709
Heatshrink Tubing Normal Wall 2:1, Black, 4.8mm
1.2m
PP002710
Heatshrink Tubing Normal Wall 2:1, Black, 6.4mm
1.2m
PP002711
Heatshrink Tubing Normal Wall 2:1, Black, 7.9mm
1.2m
PP002712
Heatshrink Tubing Normal Wall 2:1, Black, 9.5mm
1.2m
PP002713
Heatshrink Tubing Normal Wall 2:1, Black, 12.7mm
1.2m
PP002714
Heatshrink Tubing Normal Wall 2:1, Black, 19mm
1.2m
PP002715
Heatshrink Tubing Normal Wall 2:1, Black, 25.4mm
1.2m
PP002716



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com