Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QWFA10-R5 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QWFA10-R5
Description  Waveguide Fixed Attenuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QWFA10-R5 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QWFA10-R5 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Waveguide Fixed Attenuator
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QWFA10-R5
WR-10, 0.5W
Features:
Applications:
* Low VSWR
* Wireless
* High Attenuation Flatness
* Transmitter
* Laboratory Test
* Radar
Electrical
Frequency:
73.8~110GHz
VSWR:
1.25 max.
Attenuation:
3, 5, 6, 9, 10, 15, 20, 30, 40dB
Average Power:
0.5W
Mechanical
Connectors:
WR-10 (BJ900)
Flange:
UG-387/UM
Material:
Copper
Coating:
Gold plated
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
How To Order
QWFA10-R5-X-Y-Z
X: Attenuation in dB(3, 5, 6, 9, 10, 15, 20, 30, 40 - Outline A)
Y: Material
Z: Flange type
Material naming rules:
C - Copper (Outline A)
Flange naming rules:
12 - UG-387/UM (Outline A)
Examples:
To order a Waveguide Fixed Attenuator, 73.8~110GHz, 10dB, Copper,
UG-387/UM, specify QWFA10-R5-10-C-12.
Customization is available upon request.


Similar Part No. - QWFA10-R5

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QWFA10-5 QUALWAVE-QWFA10-5 Datasheet
268Kb / 2P
Waveguide Fixed Attenuator
Rev 1.2
More results

Similar Description - QWFA10-R5

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50FHC-XXX-25 JFW-50FHC-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAH-XXX JFW-50HFAH-XXX Datasheet
29Kb / 2P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
50HF-XXX-25 JFW-50HF-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-100 JFW-50FHAO-XXX-100 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-150 JFW-50FHAO-XXX-150 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FH-XXX-300-2 JFW-50FH-XXX-300-2 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75FHC-XXX-10 JFW-75FHC-XXX-10 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75F-XXX-N JFW-75F-XXX-N Datasheet
26Kb / 1P
FIXED ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com