Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8770 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT8770
Description  Six Channel Integrated Power Management IC for Handheld Portable Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8770 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT8770 Datasheet HTML 1Page - Active-Semi, Inc ACT8770 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT8770
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2008 Active-Semi, Inc.
Product Brief, 19-Feb-08
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
Charge
Control
VP1
VP2
GP12
SW2
SW1
ON1
nMSTR
PUSH
BUTTON
nIRQ
ON3
VSYS
VIN
BAT
CHGLEV
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
OUT2
OUT1
110°C
THERMAL
REGULATION
OUT2
FLOAT
OUT2
4.0V
VINUVLO
nSTAT
CHARGE STATUS
4.3V to 6V
To Battery
OUT2
OUT1
VSYS
BODY AND
VSYS
CONTROL
VINUVLO
ACIN
ON5
GP12
LDO
REG3
LDO
REG4
LDO
REG5
OUT3
OUT4
OUT5
INL
AC Adaptor
USB
+
Li+ Battery
System
Control
ACT8770
GA
OUT3
OUT4
OUT5
To Battery
To Battery
Block
Function
Output Voltage
Capability
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
Selectable up to 1A
REG1
Step-Down DC/DC
0.645V to 3.3V
350mA
REG2
Step-Down DC/DC
550mA
REG3
LDO
1.4V to 3.7V
250mA
REG4
LDO
250mA
REG5
LDO
250mA
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders..
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com