Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3881ESE Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # US3881ESE
Description  Hall Latch Low Voltage & High Sensitivity
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

US3881ESE Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  US3881ESE Datasheet HTML 1Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 2Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 3Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 4Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 5Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 6Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 7Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 8Page - Melexis Microelectronic Systems US3881ESE Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
US3881
Hall Latch
Low Voltage & High Sensitivity
3901003881
Page 3 of 11
Data Sheet
Rev 014
Feb/06
3 Glossary of Terms
MilliTesla (mT), Gauss
Units of magnetic flux density:
1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
TSOT
Thin Small Outline Transistor (TSOT package) – also referred with the Melexis
package code “SE”
ESD
Electro-Static Discharge
BLDC
Brush-Less Direct-Current
4 Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
20
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
20
V
Output Current
IOUT
50
mA
Storage Temperature Range
TS
-50 to 150
°C
Maximum Junction Temperature
TJ
165
°C
Table 1: Absolute maximum ratings
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum-
rated conditions for extended periods may affect device reliability.
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
5 Pin Definitions and Descriptions
SE Pin №
UA Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage pin
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Table 2: Pin definitions and descriptions
SE package
UA package



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com