Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1040. Datasheet(PDF) 1 Page - Time Electronics Ltd.

Part # 1040.
Description  1040 Decade Resistance Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.

1040. Datasheet(HTML) 1 Page - Time Electronics Ltd.

  1040. Datasheet HTML 1Page - Time Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1040 Decade Resistance Box
Time Electronics
Calibration, Test & Measurement
 1  – 100 M
 High accuracy
 Clear visual indication
 High stability
 Low temperature coefficient
 Removable Protective Boot
The 1040 is an accurate hand held decade resistance box designed to meet the needs of industry and
education. Housed in a robust metal case the compact construction makes it easily portable.
Excellent accuracy is achieved by using high stability metal film resistors. Mid-scale accuracy is 0.1%. The
8-digit thumbwheel switch enables precise setting with a clear unambiguous indication of the resistance value.
The temperature coefficient is better than 50 ppm per ºC. Each resistor has a power rating of 1 watt.
Switch Contacts: Special attention has been given to reliability. A special multiple gold contact switch
arrangement ensures that back-up contacts are always available to take over should a contact fail.
Safety Terminals: Fully compatible with 4mm shrouded plugs, as well as standard plugs, bare wires, and
spade terminals.
Clear Visual Indication: To prevent misreading, the 1040 incorporates a colour coding system to divide the
display into 3 groups to indicate ohms, Kilohms, and Megohms.
Added Protection: The 1040 comes fitted with an ergonomic rubber boot (9028) providing increased
protection and durability. The boot has a textured grip for comfortable handling and a raised edge so the 1040
angles slightly upward when resting horizontally. This improves visibility as well as gripping the surface,
meaning no movement when thumbwheel switches are pressed. It is easily removable if required.
1040 Technical Specifications
Range: 1
 to 100M in 1steps
Decade (

1 – 9
10 – 90
 100 – 900 1 – 9k 10 – 90k 100 – 900k 1 – 9M 10 – 90M
Acc. %
± 1%
± 0.5%
± 0.1%
± 0.1%
± 0.1%
± 0.1%
± 0.1%
± 1%
Max Current (A)
0.5A
0.3A
100mA
30mA
3mA
0.3mA
30uA
3uA
Power Rating:
1 watt per resistor. Metal film resistors.
Voltage Rating:
Max 250V DC/AC (RMS)
Zero Residual:
Less than 250 m
.
Temp Coefficient:
Less than 50 ppm per ºC.
Connections:
4mm insulated terminal & binding post.
General Specification
Dimensions:
200 x 75 x 110mm (215 x 100 x 120mm including protective boot)
Weight:
0.6kg (1kg including protective boot)
Optional Extras:
Carry Case
Calibration Certificates – traceable to NPL and UKAS
Ordering Information
Code
Description
1040
Decade Resistance Box
9026
Leatherette Carry Case
9161
Factory (NPL Traceable) Calibration Certificate
9114
UKAS Calibration Certificate (ISO 17025)
Due to continuous development Time Electronics reserves the right to change specifications without prior notice.
Time Electronics, Botany Industrial Est. Tonbridge, Kent. England. TN9 1RH.
Tel: +44 (0)1732 355993 Fax: +44 (0)1732 770312 E-mail: mail@timeelectronics.com
www.timeelectronics.com
V1c 04/05/09


Similar Part No. - 1040.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10400 ETC2-10400 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
Heyco.
10400 HEYCO-10400 Datasheet
121Kb / 1P
Nylon PCB Supports - Reverse Locking
logo
Molex Electronics Ltd.
104000-1610 MOLEX11-104000-1610 Datasheet
40Kb / 1P
1.02mm Tab Wire-to-Board Housing, Male, 16 Circuits
logo
Lapp.
10400000 LAPP-10400000 Datasheet
179Kb / 2P
EPIC® H-BE 6 SF / H-BE 6 BF CAGE CLAMP
17.09.2018
logo
Molex Electronics Ltd.
1040001610 MOLEX11-1040001610 Datasheet
121Kb / 2P
1.02mm (.040") Tab Wire-to-Board Housing, Male, 16 Circuits
More results

Similar Description - 1040.

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
HRRS IET-HRRS Datasheet
214Kb / 2P
High-Resistance Decade Substituter
Dec 2015
PRS-300 IET-PRS-300 Datasheet
172Kb / 2P
Programmable Resistance Decade Substituter
Aug. 2017
PRS-330 IET-PRS-330 Datasheet
213Kb / 5P
Programmable Resistance Decade Substituter
Aug. 2018
RS925D IET-RS925D Datasheet
561Kb / 1P
(esi) Decade Resistance Substituter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com